Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 259Page - Renesas Technology Corp SH7721 Datasheet HTML 260Page - Renesas Technology Corp SH7721 Datasheet HTML 261Page - Renesas Technology Corp SH7721 Datasheet HTML 262Page - Renesas Technology Corp SH7721 Datasheet HTML 263Page - Renesas Technology Corp SH7721 Datasheet HTML 264Page - Renesas Technology Corp SH7721 Datasheet HTML 265Page - Renesas Technology Corp SH7721 Datasheet HTML 266Page - Renesas Technology Corp SH7721 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 1524 page
background image
Section 5 Cache
Rev. 3.00 Jan. 18, 2008 Page 201 of 1458
REJ09B0033-0300
5.2.2
Cache Control Register 2 (CCR2)
The CCR2 register controls the cache locking mechanism in cache lock mode only. The CPU
enters the cache lock mode when the DSP bit (bit 12) in the status register (SR) is set to 1 or the
lock enable bit (bit 16) in the cache control register 2 (CCR2) is set to 1. The cache locking
mechanism is disabled in non-cache lock mode (DSP bit = 0).
When a prefetch instruction (PREF@Rn) is issued in cache lock mode and a cache miss occurs,
the line of data pointed to by Rn will be loaded into the cache, according to the setting of bits 9
and 8 (W3LOAD, W3LOCK) and bits 1 and 0 (W2LOAD, W2LOCK in CCR2).
Table 5.3 shows the relationship between the settings of bits and the way that is to be replaced
when the cache is missed by a prefetch instruction.
On the other hand, when the cache is hit by a prefetch instruction, new data is not loaded into the
cache and the valid entry is held. For example, a prefetch instruction is issued while bits
W3LOAD and W3LOCK are set to 1 and the line of data to which Rn points is already in way 0,
the cache is hit and new data is not loaded into way 3.
In cache lock mode, bits W3LOCK and W2LOCK restrict the way that is to be replaced, when
instructions other than the prefetch instruction are issued. Table 5.4 shows the relationship
between the settings of bits in CCR2 and the way that is to be replaced when the cache is missed
by instructions other than the prefetch instruction.
Programs that change the contents of the CCR2 register should be placed in address space that is
not cached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com