Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 263Page - Renesas Technology Corp SH7721 Datasheet HTML 264Page - Renesas Technology Corp SH7721 Datasheet HTML 265Page - Renesas Technology Corp SH7721 Datasheet HTML 266Page - Renesas Technology Corp SH7721 Datasheet HTML 267Page - Renesas Technology Corp SH7721 Datasheet HTML 268Page - Renesas Technology Corp SH7721 Datasheet HTML 269Page - Renesas Technology Corp SH7721 Datasheet HTML 270Page - Renesas Technology Corp SH7721 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 1524 page
background image
Section 5 Cache
Rev. 3.00 Jan. 18, 2008 Page 205 of 1458
REJ09B0033-0300
5.3
Operation
5.3.1
Searching the Cache
If the cache is enabled (the CE bit in CCR1 = 1), whenever instructions or data in spaces P0, P1,
P3, and U0 are accessed the cache will be searched to see if the desired instruction or data is in the
cache. Figure 5.2 illustrates the method by which the cache is searched. The cache is a physical
cache and holds physical addresses in its address section. The example of operation in 16-kbyte
mode is described below:
Entries are selected using bits 11 to 4 of the address (virtual) of the access to memory and the tag
address of that entry is read. In parallel with reading the tag address, the virtual address is
converted into the physical address. The virtual address of the access to memory and the physical
address (tag address) read from the address array are compared. The address comparison uses all
four ways. When the comparison shows a match and the selected entry is valid (V = 1), a cache hit
occurs. When the comparison does not show a match or the selected entry is not valid (V = 0), a
cache miss occurs. Figure 5.2 shows a hit on way 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com