Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 324Page - Renesas Technology Corp SH7721 Datasheet HTML 325Page - Renesas Technology Corp SH7721 Datasheet HTML 326Page - Renesas Technology Corp SH7721 Datasheet HTML 327Page - Renesas Technology Corp SH7721 Datasheet HTML 328Page - Renesas Technology Corp SH7721 Datasheet HTML 329Page - Renesas Technology Corp SH7721 Datasheet HTML 330Page - Renesas Technology Corp SH7721 Datasheet HTML 331Page - Renesas Technology Corp SH7721 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 266 of 1458
REJ09B0033-0300
8.4
Interrupt Sources
There are four types of interrupt sources: NMI, IRQ, IRL, and on-chip peripheral modules. Each
interrupt has a priority level (0 to 16), with 1 the lowest and 16 the highest. Priority level 0 masks
an interrupt, so the interrupt request is ignored.
8.4.1
NMI Interrupt
The NMI interrupt has the highest priority level of 16. When the BLMSK bit in the interrupt
control register 1 (ICR1) is 1 or the BL bit in the status register (SR) is 0, NMI interrupts are
accepted if the MAI bit in ICR1 is 0. NMI interrupts are edge-detected. In sleep or standby mode,
the interrupt is accepted regardless of the BL setting. The NMI edge select bit (NMIE) in the
interrupt control register 0 (ICR0) is used to select either rising or falling edge detection.
When using edge-input detection for NMI interrupts, a pulse width of at least two P
φ cycles
(peripheral clock) is necessary. NMI interrupt exception handling does not affect the interrupt
mask bits (I3 to I0) in the status register (SR). When the BL bit is 1, only an NMI interrupt is
accepted if the BLMSK bit in ICR1 is 1.
It is possible to wake the chip up from sleep mode or standby mode with an NMI interrupt.
8.4.2
IRQ Interrupts
IRQ interrupts are input by level or edge from pins IRQ0 to IRQ5. The priority level can be set by
interrupt priority registers C and D (IPRC and IPRD) in a range from 0 to 15.
When using edge-sensing for IRQ interrupts, clear the interrupt source by having software read 1
from the corresponding bit in IRR0, then write 0 to the bit.
When ICR1 is rewritten, IRQ interrupts may be mistakenly detected, depending on the IRQ pin
states. To prevent this, rewrite the register while interrupts are masked, then release the mask after
clearing the illegal interrupt by reading the interrupt request register 0 (IRR0) and writing 0 to
IRR0.
Edge input interrupt detection requires input of a pulse width of more than two cycles on a P
φ
clock basis.
When using level-sensing for IRQ interrupts, the pin levels must be retained until the CPU
samples the pins. Therefore, the interrupt source must be cleared by the interrupt handler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com