Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 326Page - Renesas Technology Corp SH7721 Datasheet HTML 327Page - Renesas Technology Corp SH7721 Datasheet HTML 328Page - Renesas Technology Corp SH7721 Datasheet HTML 329Page - Renesas Technology Corp SH7721 Datasheet HTML 330Page - Renesas Technology Corp SH7721 Datasheet HTML 331Page - Renesas Technology Corp SH7721 Datasheet HTML 332Page - Renesas Technology Corp SH7721 Datasheet HTML 333Page - Renesas Technology Corp SH7721 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 268 of 1458
REJ09B0033-0300
8.4.4
PINT Interrupts
PINT interrupts are input by level from pins PINT0 to PINT15. The priority level of PINT0 to
PINT7 (PINTA) and PINT8 to PINT15 (PINTB) can be set by the interrupt priority level register
H (IPRH) in a range from 0 to 15. The PINT interrupt level should be retained until the interrupt
processing starts after an interrupt request has been accepted.
The interrupt mask bits I3 to I0 in the status register (SR) are not affected by the PIN interrupt
processing routine.
While an RTC clock is supplied, recovery from a standby state on a PINT interrupt is possible if
the interrupt level is higher than that set in the I3 to I0 bits of the SR register.
8.4.5
On-Chip Peripheral Module Interrupts
On-chip peripheral module interrupts are generated by the following modules:
• DMA controller (DMAC)
• I2C bus interface (IIC)
• Smart card interface (SIM)
• Compare match timer (CMT)
• Timer unit (TMU)
• Timer pulse unit (TPU)
• Watchdog timer (WDT)
• User debugging interface (H-UDI)
• LCD controller (LCDC)
• Secure sockets layer (SSL)
• Analog front end interface (AFEIF)
• USB function controller (USBF)
• USB host controller (USBH)
• Bus state controller (BSC)
• Serial I/O with FIFO 0 (SIOF0)
• Serial I/O with FIFO 1 (SIOF1)
• Serial communication interface with FIFO 0 (SCIF0)
• Serial communication interface with FIFO 1 (SCIF1)
• MultiMediaCard interface (MMC)
• SD host interface (SDHI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com