Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 17Page - NXP Semiconductors SC28L201 Datasheet HTML 18Page - NXP Semiconductors SC28L201 Datasheet HTML 19Page - NXP Semiconductors SC28L201 Datasheet HTML 20Page - NXP Semiconductors SC28L201 Datasheet HTML 21Page - NXP Semiconductors SC28L201 Datasheet HTML 22Page - NXP Semiconductors SC28L201 Datasheet HTML 23Page - NXP Semiconductors SC28L201 Datasheet HTML 24Page - NXP Semiconductors SC28L201 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
21 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
7.4.7.1
1x and 16x modes, receiver
The receiver operates in one of two modes: 1
× and 16×. Of the two, the 16× is by far more
robust and the preferred mode. Although the 1
× mode may allow a faster data rate, it
does not provide for the alignment of the receiver 1
× data clock to that of the transmitter.
This strongly implies that the 1
× clock of the remote transmitter is available to the receiver;
the two devices are physically close to each other.
The 16
× mode operates the receiver logic at a rate 16 times faster than the 1× data rate.
This allows for validation of the start bit length, the validation of level changes at the
receiver serial data input (RXD), and the validation of the stop bit length. Of most
importance in the 16
× mode is the ability of the receiver logic to align the phase of the
internally generated receiver 1
× data clock to that of the received start bit of the remote
transmitter. This occurs with an accuracy of less than 1
16-bit time.
7.4.7.2
Receiver
The receiver of the SC28L201 is conditioned to receive data when enabled through the
Command Register. The receiver looks for a HIGH-to-LOW (mark-to-space) transition of
the start bit on the RXD input pin. If a transition is detected, the state of the RXD pin is
sampled each 16
× clock for 71
2 clock periods (16× clock mode) or at the next rising edge
of the bit time clock (1
× clock mode). If RXD is sampled HIGH, (that is the start bit was
LOW less than 7
16-bit to
1
2-bit time) the start bit is judged invalid and the search for
another valid start bit begins immediately. If RXD is still LOW, a valid start bit is assumed
and the receiver then continues to sample the input at one-bit time intervals at the
theoretical center of the bit. When the proper number of data bits and parity bit (if used)
have been assembled, and one half-stop bit has been detected the receiver loads the byte
to the FIFO. The least significant bit is received first. The data is then transferred to the
Receive FIFO and the ISR RxRDY bit in the SR is set to ‘1’. This condition can be
programmed to generate an interrupt at IRQN or I/O[4]B. If the character length is less
than 8 bits, the most significant unused bits in the RxFIFO are set to zero.
After the stop bit is detected, the receiver will immediately look for the next start bit.
However, if a non-zero character was received with the stop bit at a zero level (framing
error) and RXD remains LOW for at least another 1
2-bit time after the stop bit was
sampled, then the receiver operates as if a new start bit had been detected. It then
continues assembling the next character.
The error conditions of parity error, framing error, and overrun error (if any) are written to
the SR at the received character boundary. This is just before the RxRDY status bit is set.
A break condition is detected when RXD is LOW for the entire character including the
parity bit, if used, and stop bit. When a break is found a character consisting of all zeros
will be loaded into the RxFIFO, the received break bit in the SR and the change of break
bit in the ISR are set to 1 and the receiver ready is set in the SR. The RXD input must
return to HIGH for two (2) clock edges of the RxC1x clock for the receiver to recognize
the end of the break condition. At the end of the break condition the search for the next
start bit begins.
Two edges of the RxC1x clock will usually require a HIGH time of one RxC1x clock period
or 3 RxC1x edges since the clock of the controller is usually not synchronous to nor in
phase with the RxC1x clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com