Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 37Page - NXP Semiconductors SC28L201 Datasheet HTML 38Page - NXP Semiconductors SC28L201 Datasheet HTML 39Page - NXP Semiconductors SC28L201 Datasheet HTML 40Page - NXP Semiconductors SC28L201 Datasheet HTML 41Page - NXP Semiconductors SC28L201 Datasheet HTML 42Page - NXP Semiconductors SC28L201 Datasheet HTML 43Page - NXP Semiconductors SC28L201 Datasheet HTML 44Page - NXP Semiconductors SC28L201 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
41 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.1.6 Enhanced Operation Status register (EOS)
This register reports the status of the Enhanced operation in several sub-systems in the
UART.
8.2 UART registers
Remark: These registers are generally concerned with formatting, transmitting and
receiving data.
The user must exercise caution when changing the mode of running receivers,
transmitters, PBRG or counter/timers. The selected mode will be activated immediately
upon selection, even if this occurs during the reception or transmission of a character. It is
also possible to disrupt internal controllers by changing modes at critical times, thus
rendering later transmission or reception faulty or impossible.
An exception to this policy is switching from auto-echo or remote loopback modes to
normal mode. If the deselecting occurs just after the receiver has sampled the stop bit (in
most cases indicated by the assertion of the channels RxRDY bit) and the transmitter is
enabled, the transmitter will remain in auto-echo mode until the end of the transmission of
the stop bit.
Table 11:
EOS - Enhanced Operation Status register (address 0x12) bit description
Bit
Symbol
Description
7
-
reserved
6
I/O port operation
0 = default
1 = enhanced
5
reserved
4
Counter/Timer 0 clock select
0 = default
1 = enhanced
3
not used; returns ‘0’ on read
2
Rx/Tx clock selection
0 = default
1 = enhanced
1
not used; returns ‘0’ on read
0
FIFO interrupt level control
0 = default
1 = enhanced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com