Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 36Page - NXP Semiconductors SC28L201 Datasheet HTML 37Page - NXP Semiconductors SC28L201 Datasheet HTML 38Page - NXP Semiconductors SC28L201 Datasheet HTML 39Page - NXP Semiconductors SC28L201 Datasheet HTML 40Page - NXP Semiconductors SC28L201 Datasheet HTML 41Page - NXP Semiconductors SC28L201 Datasheet HTML 42Page - NXP Semiconductors SC28L201 Datasheet HTML 43Page - NXP Semiconductors SC28L201 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
40 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.1.4 Scan Test Control Register (STCR)
8.1.5 System Enable Status register A and B (SES)
This register reports the enabled status of the several sub-systems in the UART. These
systems are sometimes controlled by the state machines of the receiver FIFOs.
Table 9:
STCR - Scan Test Control Register (address 0x77) bit description
Bit
Symbol
Description
7:3
-
2
Memory test
1
Scan test
0
Iddq test. Turns off all pull-up devices on the I/O pins.
Table 10:
SES - System Enable Status register (address 0x40) bit description
Bit
Symbol
Description
7:6
-
reserved; set to 0
5
Transmitter enabled
0 = no
1 = yes
4
Receiver enabled
0 = no
1 = yes
3
Watchdog timer
0 = no
1 = yes
2
Address recognition
0 = no
1 = yes
1
Xon
0 = no
1 = yes
0
Xoff
0 = no
1 = yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com