Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 18Page - NXP Semiconductors SC28L201 Datasheet HTML 19Page - NXP Semiconductors SC28L201 Datasheet HTML 20Page - NXP Semiconductors SC28L201 Datasheet HTML 21Page - NXP Semiconductors SC28L201 Datasheet HTML 22Page - NXP Semiconductors SC28L201 Datasheet HTML 23Page - NXP Semiconductors SC28L201 Datasheet HTML 24Page - NXP Semiconductors SC28L201 Datasheet HTML 25Page - NXP Semiconductors SC28L201 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
22 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
7.4.7.3
Receiver status bits
There are five (5) status bits that are evaluated with each byte (or character) received:
received break, framing error, parity error, overrun error, and change of break. The first
three are appended to each byte and stored in the RxFIFO.
The overrun error and change of break are not necessarily associated with the byte
presently being received. They are developed by the receiver state machine. They will
persist until a command to rest them is issued to the command register. A change of
break occurs on a beginning and the end of a break condition. The meaning of overrun is
that data has not been lost. All data before the overrun flag is set if valid and available.
The receiver status bits are normally cleared by servicing the interrupt condition they
represent or by Rx reset or Rx disable commands or the several error reset commands in
the Command Register (CR).
The ‘received break’ will always be associated with a zero byte in the RxFIFO. It means
that zero character was a break character and not a zero data byte. The reception of a
break condition will always set the ‘change of break’ status bit in the Interrupt Status
Register (ISR).
The ‘change of break’ condition is reset by a reset error status command in the Command
Register.
A framing error occurs when a non-zero character was seen and that character has a zero
in the stop bit position.
The parity error indicates that the receiver-generated parity was not the same as that sent
by the transmitter.
The framing, parity and received break status bits are reset when the associated data byte
is read from the RxFIFO since these ‘error’ conditions are attached to the byte that has the
error.
The overrun error occurs when the RxFIFO is full, the receiver shift register is full, and
another start bit is detected. At this moment the receiver has 257 valid characters and the
start bit of the 258th has been seen. At this point the host has approximately 6
⁄
16-bit time to
read a byte from the RxFIFO or the overrun condition will be set. The 258th character then
overruns the 257th, and the 258th the 259th, and so on until an open position in the
RxFIFO is seen (‘seen’ meaning at least one byte was read from the RxFIFO).
Overrun is cleared by a use of the ‘error reset’ command in the Command Register.
The fundamental meaning of the overrun is that data has been lost. Data in the RxFIFO
remains valid. The receiver will begin placing characters in the RxFIFO as soon as a
position becomes vacant.
Remark: Precaution must be taken when reading an overrun FIFO. There will be 256
valid characters in the receiver FIFO. There will be one character in the receiver shift
register. However it will not be known if more than one ‘over-running’ character has been
received since the overrun bit was set. The 257th character received and read as valid but
it will not be known how many characters were lost between the two characters of the
256th and 257th reads of the RxFIFO. In the 8-bit mode, the numbers 8 and 9 replace the
numbers 256 and 257 above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com