Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 55Page - NXP Semiconductors SC28L201 Datasheet HTML 56Page - NXP Semiconductors SC28L201 Datasheet HTML 57Page - NXP Semiconductors SC28L201 Datasheet HTML 58Page - NXP Semiconductors SC28L201 Datasheet HTML 59Page - NXP Semiconductors SC28L201 Datasheet HTML 60Page - NXP Semiconductors SC28L201 Datasheet HTML 61Page - NXP Semiconductors SC28L201 Datasheet HTML 62Page - NXP Semiconductors SC28L201 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
59 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.2.10 Receiver FIFO (RxFIFO)
The FIFO for the receiver is 11 bits wide and 256 words deep. The status of each byte
received is stored with that byte and is moved along with the byte as the characters are
read from the FIFO. The upper three bits are presented in the Status Register and they
change in the Status Register each time a data byte is read from the FIFO. Therefore, the
Status Register should be read before the byte is read from the RxFIFO if one wishes to
ascertain the quality of the byte.
The foregoing applies to the ‘character error mode’ of status reporting. See MR1[5] in
Table 17 and RxFIFO descriptions for ‘block error’ status reporting. Briefly, Block Error
gives the accumulated error of all bytes received by the RxFIFO since the last Reset Error
command was issued (CR = 0x04).
[1]
These bits are sent to the Status Register.
8.2.11 Transmitter FIFO (TxFIFO)
The FIFO for the transmitter is 8 bits wide by 256 bytes deep. For character lengths less
than 8 bits, the upper bits will be ignored by the transmitter state machine and thus are
effectively discarded.
8.2.12 Receiver FIFO Interrupt Level (RxFIL)
The position in the RxFIFO that causes the receiver will enter the interrupt arbitration
process. This register is used to offset the effect of the arbitration threshold. It use may
yield moderate improvements in the interrupt service. It will also ‘equalize’ interrupt
latency and allow for larger aggregate block transfers between fast and slow channels.
Writing to this register removes the interrupt control established in MR0 and MR1.
Table 27:
RxFIFO - Receiver FIFO register (address 0x03) bit description
Bit
Symbol
Description
10 [1]
break received status
9 [1]
framing error status
8 [1]
parity error status
7:0
This is the data byte sent to the data bus on RxFIFO read.
8 data bits. MSBs = 0 for 7, 6, 5 bit data.
Table 28:
TxFIFO - Transmitter FIFO register (address 0x03) bit description
Bit
Symbol
Description
7:0
8 data bits. MSBs are ignored to 0 for 7, 6, 5 bit data.
Table 29:
RxFIL - Receiver FIFO Interrupt Level register (address 0x46) bit description
Bit
Symbol
Description
7:0
any one of 256 FIFO fill positions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com