Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 65Page - NXP Semiconductors SC28L201 Datasheet HTML 66Page - NXP Semiconductors SC28L201 Datasheet HTML 67Page - NXP Semiconductors SC28L201 Datasheet HTML 68Page - NXP Semiconductors SC28L201 Datasheet HTML 69Page - NXP Semiconductors SC28L201 Datasheet HTML 70Page - NXP Semiconductors SC28L201 Datasheet HTML 71Page - NXP Semiconductors SC28L201 Datasheet HTML 72Page - NXP Semiconductors SC28L201 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
69 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.5 Registers of the Arbitrating Interrupt system and bidding control
8.5.1 Interrupt Control Register (ICR)
This register provides a single 8-bit field called the interrupt threshold for use by the
interrupt arbiter. The field is interpreted as a single unsigned integer. The interrupt arbiter
will not generate an external interrupt request, by asserting IRQN, unless the value of the
highest priority interrupt exceeds the value of the interrupt threshold. If the highest bidder
in the interrupt arbitration is lower than the threshold level set by the ICR, the Current
Interrupt Register, CIR, will contain 0x00.
Remark: While a Watchdog Timer interrupt is pending, the ICR is not used and only
receiver codes are presented for interrupt arbitration. This allows receivers with very low
count values (perhaps below the threshold value) to win interrupt arbitration without
requiring the user to explicitly lower the threshold level in the ICR.
8.5.2 Update CIR (UCIR): the most important command for polled or interrupt
service
A write to address 0x61 data is not important. A command based upon a decode of a
write to address 0x61 (UCIR is not a register). A write (the write data is not important; a
‘Don’t care’) to this ‘register’ causes the Current Interrupt Register to be updated with the
value that is winning interrupt arbitration. The register would be used in systems that poll
the interrupt status registers rather than wait for interrupts. Alternatively, the CIR is
normally updated during an Interrupt Acknowledge Bus (IACKN) cycle in interrupt-driven
systems.
Table 46:
ICR - Interrupt Control Register (address 0x60) bit description
Bit
Symbol
Description
7:0
Upper 8 bits of the Arbitration Threshold
Table 47:
UCIR - Update CIR (address 0x61) bit description
Bit
Symbol
Description
7:0
data not important



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com