Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 59Page - NXP Semiconductors SC28L201 Datasheet HTML 60Page - NXP Semiconductors SC28L201 Datasheet HTML 61Page - NXP Semiconductors SC28L201 Datasheet HTML 62Page - NXP Semiconductors SC28L201 Datasheet HTML 63Page - NXP Semiconductors SC28L201 Datasheet HTML 64Page - NXP Semiconductors SC28L201 Datasheet HTML 65Page - NXP Semiconductors SC28L201 Datasheet HTML 66Page - NXP Semiconductors SC28L201 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
63 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.3.5 Watchdog, Character, Address and X Enable Register (WCXER)
This register enables the UARTs Character Recognition, Address Recognition and
Receiver watchdog timer. If both enable and disable are active, a disable results. This
register is used to enable the general-purpose character recognition feature without
causing any Xon/Xoff or Wake-up mode activities to occur. The recognition event is
reported in the ISR register.
[1]
This bit control is duplicated at MR0[7].
Table 37:
WCXER - Watchdog, Character, Address and X Enable Register (address 0x40) bit
description
Bit
Symbol
Description
7 [1]
Watchdog enable.
1 = disable watchdog
0 = no action
6
Watchdog disable.
1 = enable watchdog
0 = no action
5
Address recognition disable.
1 = disable Address recognition
0 = no action
4
Address recognition enable.
1 = enable Address recognition
0 = no action
3
Xon recognition disable.
1 = disable Xon
0 = no action
2
Xon recognition enable.
1 = enable Xon
0 = no action
1
Xoff recognition disable.
1 = disable Xoff
0 = no action
0
Xoff recognition enable.
1 = enable Xoff
0 = no action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com