Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 25Page - NXP Semiconductors SC28L201 Datasheet HTML 26Page - NXP Semiconductors SC28L201 Datasheet HTML 27Page - NXP Semiconductors SC28L201 Datasheet HTML 28Page - NXP Semiconductors SC28L201 Datasheet HTML 29Page - NXP Semiconductors SC28L201 Datasheet HTML 30Page - NXP Semiconductors SC28L201 Datasheet HTML 31Page - NXP Semiconductors SC28L201 Datasheet HTML 32Page - NXP Semiconductors SC28L201 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
29 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Associated with the interrupt system are the Interrupt Mask Register (IMR) and the
Interrupt Status Register (ISR) resident in each UART. Programming of the IMR selects
which of the above sources may enter the arbitration process. The IMR enables the
interrupt. Only the bidders in the ISR whose associated bit in the IMR is set to one (1) will
be permitted to enter the arbitration process. The ISR can be read by the host CPU to
determine all currently active interrupting conditions. For convenience of reading the ISR,
the MR1[6] bit, when set, allows the reading of the ISR masked by the bits of the IMR.
7.4.8.1
Enabling and activating interrupt sources
An interrupt source becomes enabled when writing a one to the proper Interrupt Mask
Register bit (IMR) activates its interrupt capability. An interrupt source can never generate
an IRQN or have its ‘bid’ or interrupt number appear in the CIR unless the source has
been enabled by the appropriate bit in an IMR.
An interrupt source is active if it is presenting its bid to the interrupt arbiter for evaluation.
Most sources have simple activation requirements. The watchdog timer, break received,
Xon/Xoff or Address Recognition and change-of-state interrupts become active when the
associated events occur and the arbitration value generated thereby exceeds the
threshold value programmed in the Interrupt Control Register (ICR).
The transmitter and receiver functions have additional controls to modify the condition
upon which the initiation of interrupt bidding begins: the TxINT and RxINT fields of the
MR0 and MR2 registers. These fields can be used to start bidding or arbitration when the
RxFIFO is not empty, 50 % full, 75 % full, or 100 % full. For the transmitter it is not full,
50 % empty, 75 % empty, and empty.
Example: To increase the probability of transferring the contents of a nearly full RxFIFO,
do not allow it to start bidding until 50 % or 75 % full. This will prevent its relatively high
priority from winning the arbitration process at low fill levels. A high threshold level could
accomplish the same thing, but may also mask out low priority interrupt sources that must
be serviced. Note that for fast channels and/or long interrupt latency times using this
feature should be used with caution since it reduces the time the host CPU has to respond
to the interrupt request before receiver overrun occurs.
7.4.8.2
Setting interrupt priorities
The bid or interrupt number presented to the interrupt arbiter is composed of character
counts, channel codes, fixed and programmable bit fields. The interrupt values are
generated for various interrupt sources as shown in Table 4. The value represented by the
bits 11:4 in Table 4 are compared against the value represented by the ‘Threshold’. The
‘Threshold’, bits 10:0 of the ICR (Interrupt Control Register), is aligned such that bit 0 of
the threshold is compared to bit 1 of the interrupt value generated by any of the sources.
Whenever the value of the interrupt source is greater than the threshold the interrupt will
be generated.
The codes form bits 4:1 drive part of the interrupt vector modification and the Global
Interrupt Type Register. The codes are unique to each source type and identify them
completely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com