Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 8Page - NXP Semiconductors SC28L201 Datasheet HTML 9Page - NXP Semiconductors SC28L201 Datasheet HTML 10Page - NXP Semiconductors SC28L201 Datasheet HTML 11Page - NXP Semiconductors SC28L201 Datasheet HTML 12Page - NXP Semiconductors SC28L201 Datasheet HTML 13Page - NXP Semiconductors SC28L201 Datasheet HTML 14Page - NXP Semiconductors SC28L201 Datasheet HTML 15Page - NXP Semiconductors SC28L201 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
12 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
The content of the current interrupt register also drives the Global Registers of the
interrupt system. These registers are indirect addresses (pointers) to the interrupt source
requesting service.
Programming of Bid Control Registers allows the interrupt level of any source to be varied
at any time over a range of 256 levels.
6.1.9 Character and address recognition
The character recognition system is designed first and foremost as a general-purpose
system that can give an interrupt on the reception or transmission on any of three
user-defined characters. A subblock of this system is the special function related to
Xon/Xoff flow control and the ‘9-bit mode’.
The recognition block stores up to three characters. The recognition is done on a byte
boundary and sets status and interrupt when recognition events occur. Three modes of
automatic operation are provided for the in-band flow control (Xon/Xoff) and three modes
of automatic operation are provided for address recognition (9-bit or multi-drop mode).
Both in-band flow control and address recognition may also be completely under the
control of the host processor.
A subset of the recognition system is Xon/Xoff character recognition and the recognition
of the multi-drop address character. If Xon/Xoff or multi-drop function is enabled the
recognition system passes the information about the recognition event to the appropriate
receiver or transmitter state machine for execution. In any case, the information about a
recognition event is available to the interrupt system and to the control processor.
Another subset of the character recognition is recognition of the address character itself
(the character value) used in the multi-drop or 9-bit mode. Here also four levels of
automatic operation are available. The most interrupt efficient is the ‘auto-wake/auto-doze’
level which relieves the processor of any tasks.
6.1.10 Flow control
Flow control is implemented in either the traditional RTS/CTS protocol or in the inbound
Xon/Xoff method. Both may be controlled by fully/partially automatic methods or by
interrupt generation.
6.1.11 Test modes
The three test modes, auto echo, local loopback, and remote loopback, are provided to
verify UART function and processor interface integrity at the system level. The local
loopback, however, is directed a little more toward the control processor to the UART
interface. Through it the software developer may verify all of the interrupt, flow control; the
hardware designer may verify all of the timing and pin connections. This information is
obtained without any recourse to external test equipment, logic analyzers or terminals.
The auto echo and remote loopback are meant to test the communication channel after it
is established that the processor to UART interface is well established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com