Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 92Page - NXP Semiconductors SC28L201 Datasheet HTML 93Page - NXP Semiconductors SC28L201 Datasheet HTML 94Page - NXP Semiconductors SC28L201 Datasheet HTML 95Page - NXP Semiconductors SC28L201 Datasheet HTML 96Page - NXP Semiconductors SC28L201 Datasheet HTML 97Page - NXP Semiconductors SC28L201 Datasheet HTML 98Page - NXP Semiconductors SC28L201 Datasheet HTML 99Page - NXP Semiconductors SC28L201 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
96 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
12.1 Timing diagrams
The active time of read or write cycle exists only when CEN is LOW and RDN or CEN is
also LOW.
Write = CEN and WRN LOW.
Read = CEN and RDN LOW.
For the 68000 mode:
Write = CEN LOW and R/WN LOW and DACKN HIGH.
Read = CEN LOW and R/WN HIGH.
In general, it is convenient (but is not at all required) to think of the Read/Write signal to be
active and then let the CEN be the ‘strobing’ or clocking control. However, some users
have wired CEN LOW and allowed RDN or WRN to be the clocking or strobing input.
While this is completely within the specified limits, it is not recommended since it will
greatly increase the part’s sensitivity to noise ‘glitches’ on the RDN and WRN signals.
For the 68000 mode, the CEN is very much the clock or ‘strobing’ signal. The RDN and
WRN signals have been combined into the R/WN signal. Therefore, the part is always
prepared to do a write or read; it only needs CEN to enable.
In the 68000 mode design, care should be given to system drift over temperature, voltage,
and age when R/WN and CEN change very close to each other. If R/WN switches shortly
before CEN (due to system drift) it is possible to produce very short internal read or write
pulses which could change internal controls, FIFO address pointers, for example.
Figure 5 loosely shows the timing conditions that may exist of the active area those
signals will produce.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com