Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 82Page - NXP Semiconductors SC28L201 Datasheet HTML 83Page - NXP Semiconductors SC28L201 Datasheet HTML 84Page - NXP Semiconductors SC28L201 Datasheet HTML 85Page - NXP Semiconductors SC28L201 Datasheet HTML 86Page - NXP Semiconductors SC28L201 Datasheet HTML 87Page - NXP Semiconductors SC28L201 Datasheet HTML 88Page - NXP Semiconductors SC28L201 Datasheet HTML 89Page - NXP Semiconductors SC28L201 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
86 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
9.
Register maps
The registers of the SC28L201 are loosely partitioned into two groups: those used in
controlling data channels, and those used in handling the actual data flow and status.
Below is shown the general configuration of all the registers addressed. The Table 78
“Register map summary” shows the configuration of the address.
Any programming using the SC28L201 as it is intended would always use the address
space from 0x10 through 0x7F.
[1]
This register configures the whole chip.
Table 77:
Register map detail
A[6:0]
Read
Write
001 0000 (0x10)
Receiver FIFO Fill Level (RxFL A)
Set Output Port Register (SOPR A)
001 0001 (0x11)
Transmitter FIFO Empty level (TxEL A)
Reset Output Port Register (ROPR A)
001 0010 (0x12)
Enhanced Operation Status (EOS) [1]
Command Register Extension (CRx A)
001 0011 (0x13)
Input Port Change Register Upper (IPCRU A)
I/O Port Configuration Register 0 (I/OPCR 0)
001 0100 (0x14)
Input Port Change Register Lower (IPCRL A)
I/O Port Configuration Register 1 (I/OPCR 1)
001 0101 (0x15)
Input Port Register (IPR A)
001 0110 (0x16)
Counter Timer Value Register Upper (CTVU 0)
Counter Timer Preset Register Upper (CTPU 0)
001 0111 (0x17)
Counter Timer Value Register Lower (CTVL 0)
Counter Timer Preset Register Lower (CTPL 0)
…
001 1000 (0x18)
Set Output Port Register (SOPR B)
001 1001 (0x19)
Reset Output Port Register (ROPR B)
001 1010 (0x1A)
Command Register Extension (CRx B)
001 1011 (0x1B)
Input Port Change Register Upper (IPCRU B)
I/O Port Configuration Register 2 (I/OPCR 2)
001 1100 (0x1C)
Input Port Change Register Lower (IPCRL B)
I/O Port Configuration Register 3 (I/OPCR 3)
001 1101 (0x1D)
Input Port Register (IPR B)
001 1110 (0x1E)
Counter Timer Value Register Upper (CTVU 1)
Counter Timer Preset Register Upper (CTPU 1)
001 1111 (0x1F)
Counter Timer Value Register Lower (CTVL 1)
Counter Timer Preset Register Lower (CTPL 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com