Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 67Page - NXP Semiconductors SC28L201 Datasheet HTML 68Page - NXP Semiconductors SC28L201 Datasheet HTML 69Page - NXP Semiconductors SC28L201 Datasheet HTML 70Page - NXP Semiconductors SC28L201 Datasheet HTML 71Page - NXP Semiconductors SC28L201 Datasheet HTML 72Page - NXP Semiconductors SC28L201 Datasheet HTML 73Page - NXP Semiconductors SC28L201 Datasheet HTML 74Page - NXP Semiconductors SC28L201 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
71 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Else the interrupt is another type, specified in CIR[5:1].
Remark: The GIBCR, Global Interrupting Byte Count Register, may be read to determine
an exact character count.
8.5.4 Interrupt Vector Register (IVR)
The IVR contains the byte that will be placed on the data bus during an IACKN cycle when
the GCCR bits [2:1] are set to binary ‘01’. This is the unmodified form of the interrupt
vector.
8.5.5 Global Interrupting Channel Register (GICR)
A register associated with the interrupting channel as defined in the CIR. It contains the
channel number for the interrupting channel.
8.5.6 Global Interrupting Byte Count Register (GIBCR)
A register associated with the interrupting channel as defined in the CIR. Its numerical
value equals TxEL or RxFL at the time IACKN or ‘Update CIR’ command was issued. The
true number of bytes ready for transfer to the transmitter or transfer from the receiver. It is
undefined for other types of interrupts.
Table 49:
IVR - Interrupt Vector Register (address 0x64) bit description
Bit
Symbol
Description
7:0
8 data bits of the Interrupt Vector (IVR)
Table 50:
GICR - Global Interrupting Channel Register (address 0x70) bit description
Bit
Symbol
Description
7:1
reserved
0
Channel code
0=a
1 = reserved
Table 51:
GIBCR - Global Interrupting Byte Count Register (address 0x71) bit description
Bit
Symbol
Description
7:0
Channel byte count code
0000 0001 = 1
0000 0010 = 2
…
1111 1111 = 255
0000 0000 = 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com