Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 85Page - NXP Semiconductors SC28L201 Datasheet HTML 86Page - NXP Semiconductors SC28L201 Datasheet HTML 87Page - NXP Semiconductors SC28L201 Datasheet HTML 88Page - NXP Semiconductors SC28L201 Datasheet HTML 89Page - NXP Semiconductors SC28L201 Datasheet HTML 90Page - NXP Semiconductors SC28L201 Datasheet HTML 91Page - NXP Semiconductors SC28L201 Datasheet HTML 92Page - NXP Semiconductors SC28L201 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
89 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
[1]
This register configures the whole chip.
Global
110 0000 (0x60)
Interrupt Control Register (ICR) [1]
Interrupt Control Register (ICR) [1]
110 0001 (0x61)
Current Interrupt Register (CIR) [1]
Update Current Interrupt Register (UCIR) [1]
110 0010 (0x62)
110 0011 (0x63)
110 0100 (0x64)
Interrupt Vector Register (IVR) [1]
Interrupt Vector Register (IVR) [1]
110 0101 (0x65)
110 0110 (0x66)
Global Chip Configuration Register (GCCR) [1]
Global Chip Configuration Register (GCCR) [1]
110 0111 (0x67)
Test and Revision Register (TRR) [1]
Test and Revision Register (TRR) [1]
…
110 1000 (0x68)
110 1001 (0x69)
110 1010 (0x6A)
110 1011 (0x6B)
110 1100 (0x6C)
110 1101 (0x6D)
110 1110 (0x6E)
110 1111 (0x6F)
…
111 0000 (0x70)
Global Interrupt Channel Register (GICR) [1]
111 0001 (0x71)
Global Interrupt Byte Count Register (GIBCR) [1]
111 0010 (0x72)
Global Interrupt Type Register (GITR) [1]
111 0011 (0x73)
Global RxFIFO Register (GRxFIFO) [1]
Global TxFIFO Register (GTxFIFO) [1]
111 0100 (0x74)
111 0101 (0x75)
111 0110 (0x76)
111 0111 (0x77)
Scan Test Control Register (STCR) [1]
Scan Test Control Register (STCR) [1]
…
111 1000 (0x78)
111 1001 (0x79)
111 1010 (0x7A)
111 1011 (0x7B)
111 1100 (0x7C)
111 1101 (0x7D)
111 1110 (0x7E)
111 1111 (0x7F)
Table 78:
Register map summary …continued
The register map for channel A (UART A).
A[6:0]
Read
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com