Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 58Page - NXP Semiconductors SC28L201 Datasheet HTML 59Page - NXP Semiconductors SC28L201 Datasheet HTML 60Page - NXP Semiconductors SC28L201 Datasheet HTML 61Page - NXP Semiconductors SC28L201 Datasheet HTML 62Page - NXP Semiconductors SC28L201 Datasheet HTML 63Page - NXP Semiconductors SC28L201 Datasheet HTML 64Page - NXP Semiconductors SC28L201 Datasheet HTML 65Page - NXP Semiconductors SC28L201 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
62 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.3.4 Xon/Xoff Interrupt Status Register (XISR)
Reading this register clears XISR[7:4].
Table 36:
XISR - Xon/Xoff Interrupt Status Register (address 0x44) bit description
Bit
Symbol
Description
7:6
Received X Character Status.
00 = none
01 = Xoff received
10 = Xon received
11 = both received
This field can be read to determine if the receiver has encountered an Xon
or Xoff character in the incoming data stream. These bits are maintained
until a read of the XISR. The field is updated by X character reception
regardless of the state of MR3[7] and MR3[3:2] or IMR[4]. The field can
therefore be used as a character detector for the bit patterns stored in the
Xon and Xoff Character Registers.
5:4
Automatic X Character transmission status.
00 = none
01 = Xon transmitted
10 = Xoff transmitted
11 = both transmitted
This field indicates the last flow control character sent in the Auto Receiver
flow control mode. If Auto Receiver mode has not been enabled, this field
will always read 00. It will likewise reset to ‘00’ if MR0[3] is reset. If the Auto
Receiver mode is exited while this field reads ‘10’, it is the user’s
responsibility to transmit an Xon, when appropriate.
3:2
TXD flow status. TXD condition of the automatic flow control status.
This field tracks the transmitter’s flow status as follows:
00 = normal transmission. Transmitter is not affected by Xon or Xoff.
01 = TXD halt pending. After the current character finishes the transmitter
will stop. The status will then change to ‘11’.
10 = re-enabled. The transmitter had been halted and has been
re-started. It is sending (or is prepared to send) data characters.
After a read of the XISR, it will return to ‘normal’ status.
11 = flow halted. The Transmitter is stopped due to an Xoff character
being received from its associated receiver. The transmitter is ‘flow
controlled’.
1:0
TXD X Character Status.
00 = normal TXD data.
01 = Idle wait for FIFO data. The character is waiting for a data character
to transfer from the TxFIFO. This condition will only occur for a bit time
after an Xon or Xoff character transmission unless the TxFIFO is empty
10 = Xoff is pending. A command to send an Xoff character is pending.
11 = Xon is pending. A command to send an Xon character is pending.
Conditions ‘10’ and ‘11’ will not exist for more than a character time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com