Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 97Page - NXP Semiconductors SC28L201 Datasheet HTML 98Page - NXP Semiconductors SC28L201 Datasheet HTML 99Page - NXP Semiconductors SC28L201 Datasheet HTML 100Page - NXP Semiconductors SC28L201 Datasheet HTML 101Page - NXP Semiconductors SC28L201 Datasheet HTML 102Page - NXP Semiconductors SC28L201 Datasheet HTML 103Page - NXP Semiconductors SC28L201 Datasheet HTML 104Page - NXP Semiconductors SC28L201 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
101 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
C1 = C2
∼ 24 pF for C
L = 13.5 pF. For the oscillator feedback loop, the capacitors C1 and C2 are in series.
C1 and C2 should be chosen according to the crystal manufacturer’s specification.
C1 and C2 values will include any parasitic capacitance of the wiring and X1, X2 pins.
Package capacitance approximately 4 pF.
Fig 14. Clock timing
CLK
X2
14.7456 MHz
X1
C1
C2
SC28L201
2 pF
4 pF
X1/SCLK
C/T clock
RxC
TxC
tCLK
tCTC
tRX
tTX
tCLK
tCTC
tRX
tTX
X1/SCLK
X2
(must be left open)
VCC
470
Ω
resistor required
for TTL input
002aab481
to UART circuit
160 k
Ω
(typ.)
3 pF
parasitic capacitance
3 pF
parasitic capacitance
Fig 15. Transmitter external clocks
Fig 16. Receiver external clock
002aab482
1 bit time
(1 or 16 clocks)
TxC
(input)
TXD
td(o)(TXD)
TxC
(1
× output)
tTCS
002aab483
RXD
RxC
(1
× output)
tsu(RXD-RXCH)(D)
th(RXCH-RXD)(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com