Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201 Datasheet(PDF) 110 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 102Page - NXP Semiconductors SC28L201 Datasheet HTML 103Page - NXP Semiconductors SC28L201 Datasheet HTML 104Page - NXP Semiconductors SC28L201 Datasheet HTML 105Page - NXP Semiconductors SC28L201 Datasheet HTML 106Page - NXP Semiconductors SC28L201 Datasheet HTML 107Page - NXP Semiconductors SC28L201 Datasheet HTML 108Page - NXP Semiconductors SC28L201 Datasheet HTML 109Page - NXP Semiconductors SC28L201 Datasheet HTML 110Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 110 / 110 page
background image
© Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner. The information presented in this document does
not form part of any quotation or contract, is believed to be accurate and reliable and may
be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
Date of release: 31 October 2005
Document number: 9397 750 13138
Published in The Netherlands
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.2.8
Interrupt Status Register (ISR) . . . . . . . . . . . . 56
8.2.9
Interrupt Mask Register (IMR) . . . . . . . . . . . . 58
8.2.10
Receiver FIFO (RxFIFO) . . . . . . . . . . . . . . . . 59
8.2.11
Transmitter FIFO (TxFIFO) . . . . . . . . . . . . . . . 59
8.2.12
Receiver FIFO Interrupt Level (RxFIL) . . . . . . 59
8.2.13
Receiver FIFO Fill Level register (RxFL) . . . . 60
8.2.14
Transmitter FIFO Interrupt Level (TxFIL) . . . . 60
8.2.15
Transmitter FIFO Empty Level register (TxEL) 60
8.3
Registers for character recognition . . . . . . . . . 61
8.3.1
Xon Character Register (XonCR) . . . . . . . . . . 61
8.3.2
Xoff Character Register (XoffCR) . . . . . . . . . . 61
8.3.3
Address Recognition Character Register
(ARCR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
8.3.4
Xon/Xoff Interrupt Status Register (XISR) . . . 62
8.3.5
Watchdog, Character, Address and X Enable
Register (WCXER) . . . . . . . . . . . . . . . . . . . . . 63
8.4
Programmable counters, timers, and baud rate
generators. . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
8.4.1
Programmable BRG Timer Reload Registers,
Upper 0 and Upper 1 (PBRGPU) . . . . . . . . . . 64
8.4.2
Programmable BRG Timer Reload Registers,
Lower 0 and Lower 1 (PBRGPL) . . . . . . . . . . 64
8.4.3
Counter/Timer clock source (CTCS0 and
CTCS1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
8.4.4
Counter Timer Value Registers, Upper 0 and
Upper 1 (CTVU0, CTVU1) . . . . . . . . . . . . . . . 66
8.4.5
Counter Timer Value Registers, Lower 0 and
Lower 1 (CTVL0, CTVL1) . . . . . . . . . . . . . . . . 66
8.4.6
Programmable BRG Clock Source, 0 and 1
(PBRGCS) . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
8.4.7
Counter/Timer Preset Upper and Counter/Timer
Preset Lower (CTPU, CTPL) . . . . . . . . . . . . . 67
8.4.8
The CTS, RTS, CTS Enable Tx signals . . . . . 68
8.5
Registers of the Arbitrating Interrupt system
and bidding control . . . . . . . . . . . . . . . . . . . . . 69
8.5.1
Interrupt Control Register (ICR) . . . . . . . . . . . 69
8.5.2
Update CIR (UCIR): the most important
command for polled or interrupt service . . . . . 69
8.5.3
Current Interrupt Register (CIR) . . . . . . . . . . . 70
8.5.4
Interrupt Vector Register (IVR) . . . . . . . . . . . . 71
8.5.5
Global Interrupting Channel Register (GICR) . 71
8.5.6
Global Interrupting Byte Count Register
(GIBCR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
8.5.7
Global Interrupting Type Register (GITR) . . . . 72
8.5.8
Global RxFIFO register (GRxFIFO) . . . . . . . . 72
8.5.9
Global TxFIFO register (GTxFIFO). . . . . . . . . 72
8.5.10
Bidding Control Register, Break Change
(BCRBRK) . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
8.5.11
Bidding Control Register, Change-Of-State
(BCRCOS) . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
8.5.12
Bidding Control Register, Xon/Xoff (BCRx) . . 73
8.5.13
Bidding Control Register, Address (BCRA) . . 73
8.5.14
Bidding Control Register, C/T 0 and C/T 1
(BCR C/T) . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
8.5.15
Bidding Control Register, Received Loopback
Error (BCRLBE) . . . . . . . . . . . . . . . . . . . . . . . 73
8.6
Registers of the I/O ports . . . . . . . . . . . . . . . . 74
8.6.1
Input Port Change Register Lower Nibble, A
(IPCRL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
8.6.2
Input Port Change Register Lower Nibble, B
(IPCRL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
8.6.3
Input Port Change Register Upper Nibble, A
(IPCRU) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
8.6.4
Input Port Change Register Upper Nibble, B
(IPCRU) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
8.6.5
Input Port Register, A (IPR) . . . . . . . . . . . . . . 77
8.6.6
Input Port Register, B (UPT) . . . . . . . . . . . . . 77
8.6.7
Input Change Detect Enable, A (IPCE) . . . . . 78
8.6.8
Input Change Detect Enable, B (IPCE) . . . . . 79
8.6.9
I/O Port Configuration Registers (I/OPCR0,
I/OPCR1, I/OPCR2, I/OPCR3) . . . . . . . . . . . . 79
8.6.10
Set the Output Port Bits OPR A and OPR B
(SOPR A and SOPR B) . . . . . . . . . . . . . . . . . 82
8.6.11
Reset Output Port bits OPR A and OPR B
(ROPR A, ROPR B) . . . . . . . . . . . . . . . . . . . . 83
8.6.12
Output Port Register A and B (OPR) . . . . . . 84
8.7
BRG characteristics . . . . . . . . . . . . . . . . . . . . 85
9
Register maps . . . . . . . . . . . . . . . . . . . . . . . . . 86
10
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 90
11
Static characteristics . . . . . . . . . . . . . . . . . . . 91
12
Dynamic characteristics . . . . . . . . . . . . . . . . . 93
12.1
Timing diagrams. . . . . . . . . . . . . . . . . . . . . . . 96
13
Test information. . . . . . . . . . . . . . . . . . . . . . . 103
14
Package outline . . . . . . . . . . . . . . . . . . . . . . . 104
15
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
15.1
Introduction to soldering surface mount
packages . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
15.2
Reflow soldering. . . . . . . . . . . . . . . . . . . . . . 105
15.3
Wave soldering. . . . . . . . . . . . . . . . . . . . . . . 105
15.4
Manual soldering . . . . . . . . . . . . . . . . . . . . . 106
15.5
Package related soldering information . . . . . 106
16
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . 107
17
Revision history . . . . . . . . . . . . . . . . . . . . . . 107
18
Data sheet status. . . . . . . . . . . . . . . . . . . . . . 108
19
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
20
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 108
21
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 108
22
Contact information . . . . . . . . . . . . . . . . . . . 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com