Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 37Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 38Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 39Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 40Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 41Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 42Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 43Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 44Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 41 of 97
Feb 21, 2012
2. ELECTRICAL SPECIFICATIONS
Caution 1. The RL78/G14 has an on-chip debug function, which is provided for development and evaluation. Do
not use the on-chip debug function in products designated for mass production, because the
guaranteed number of rewritable times of the flash memory may be exceeded when this function is
used, and product reliability therefore cannot be guaranteed. Renesas Electronics is not liable for
problems occurring when the on-chip debug function is used.
Caution 2. The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com