Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 64Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 65Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 66Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 67Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 68Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 69Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 70Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 71Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 68 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
CSI mode serial transfer timing (during communication at same potential)
(When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.)
CSI mode serial transfer timing (during communication at same potential)
(When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.)
Remark 1.
p: CSI number (p = 00, 01, 10, 11, 20, 21, 30, 31)
Remark 2.
m: Unit number, n: Channel number (mn = 00 to 03, 10 to 13)
SIp
SOp
tKCY1, 2
Input data
Output data
SCKp
tKL1, 2
tKH1, 2
SSI00
(CSI00 only)
tSIK1, 2
tKSI1, 2
tKSO1, 2
tSSIK
tKSSI
Input data
Output data
tKCY1, 2
tKH1, 2
tSIK1, 2
tKSI1, 2
tKSO1, 2
tSSIK
tKSSI
SIp
SOp
SCKp
SSI00
(CSI00 only)
tKL1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com