Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 87Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 88Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 89Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 90Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 91Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 92Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 93Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 94Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 91 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
Note 1.
Excludes quantization error (±1/2 LSB).
Note 2.
This value is indicated as a ratio (% FSR) to the full-scale value.
(4)
When AVREF (+) = Internal reference voltage (ADREFP1 = 1, ADREFP0 = 0), AVREF (-) = AVREFM/ANI1
(ADREFM = 1), target ANI pin: ANI0 to ANI14, ANI16 to ANI20
(TA = -40 to +85 °C, 2.4 V EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V, Reference voltage (+) = VBGR,
Reference voltage (-) = AVREFM = 0 V, HS (high-speed main) mode)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8bit
Conversion time
tCONV
8-bit resolution
2.4 V
 VDD  5.5 V
17
39
s
Zero-scale error Notes 1, 2
EZS
8-bit resolution
2.4 V
 VDD  5.5 V
0.60
% FSR
Integral linearity error Note 1
ILE
8-bit resolution
2.4 V
 VDD  5.5 V
2.0
LSB
Differential linearity error Note 1 DLE
8-bit resolution
2.4 V
 VDD  5.5 V
1.0
LSB
Reference voltage (+)
VBGR
1.38
1.45
1.5
V
Reference voltage (-)
AVREFM
VSS
V
Analog input voltage
VAIN
0VBGR
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com