Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 15Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 16Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 17Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 18Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 19Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 20Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 21Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 22Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0100 Rev. 1.00
Page 19 of 97
Feb 21, 2012
• 100-pin plastic LQFP (fine pitch) (14 × 20)
Caution
Make EVSS0, EVSS1 pins the same potential as VSS pin.
Caution 1. Make VDD pin the same potential as EVDD0 pin, or the potential that is higher than the EVDD0 pin.
Make EVDD1 pin the same potential as EVDD0 pin
Caution 2. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
F).
Remark 1. For pin identification, see 1.4 Pin Identification.
Remark 2. When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced,
it is recommended to supply separate powers to the VDD, EVDD0 and EVDD1 pins and connect the VSS, EVSS0 and EVSS1
pins to separate ground lines.
Remark 3. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1
(PIOR0, 1).
P146/(INTP4)
P111
P110/(INTP11)
P101
P10/SCK11/SCL11/TRDIOD1
P11/SI11/SDA11/TRDIOC1
P12/SO11/TRDIOB1/IVREF1/(INTP5)
P13/TxD2/SO20/TRDIOA1/IVCMP1
P14/RxD2/SI20/SDA20/TRDIOD0/(SCLA0)
P15/SCK20/SCL20/TRDIOB0/(SDAA0)
P16/TI01/TO01/INTP5/TRDIOC0/IVREF0/(SI00)/(RXD0)
P17/TI02/TO02/TRDIOA0/TRDCLK0/IVCMP0/(SO00)/(TXD0)
P57/(INTP3)
P56/(INTP1)
P55/(PCLBUZ1)/(SCK00)
P54/SCK31/SCL31
P53/SI31/SDA31
P52/SO31
P51/SO00/TxD0/TOOLTxD/TRGIOB
P50/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0)
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
123 456 789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
P120/ANI19/VCOUT0
P47/INTP2
P46/INTP1
P45/SO01
P44/SI01/SDA01
P43/SCK01/SCL01
P42
P41/(TRJIO0)
P40/TOOL0
RESET
P124/XT2/EXCLKS
P123/XT1
P137/INTP0
P122/X2/EXCLK
P121/X1
REGC
VSS
EVSS0
VDD
EVDD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com