Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F10PLJCLFB Datasheet HTML 1Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 2Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 3Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 4Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 5Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 6Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 7Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 8Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
R01DS0053EJ0100 Rev. 1.00
Page 1 of 97
Feb 21, 2012
RL78/G14
RENESAS MCU
True Low Power Platform (as low as 66
A/MHz, and 0.60 A for RTC + LVD), 1.6 V to 5.5 V
operation, 16 to 256 Kbyte Flash, 44 DMIPS at 32 MHz, for General Purpose Applications
Datasheet
1. OUTLINE
1.1
Features
Ultra-Low Power Technology
• 1.6 V to 5.5 V operation from a single supply
• Stop (RAM retained): 0.24
A, (LVD enabled): 0.32 A
• Halt (RTC + LVD): 0.60
A
• Snooze: T.B.D
• Operating: 66
A/MHz
16-bit RL78 CPU Core
• Delivers 44 DMIPS at maximum operating frequency of
32 MHz
• Instruction execution: 86% of instructions can be
executed in 1 to 2 clock cycles
• CISC architecture (Harvard) with 3-stage pipeline
• Multiply signed & unsigned: 16 x 16 to 32-bit result in 1
clock cycle
• MAC: 16 x 16 to 32-bit result in 2 clock cycles
• 16-bit barrel shifter for shift & rotate in 1 clock cycle
• 1-wire on-chip debug function
Code Flash Memory
• Density: 16 KB to 256 KB
• Block size: 1KB
• On-chip single voltage flash memory with protection
from block erase/writing
• Self-programming with secure boot swap function and
flash shield window function
Data Flash Memory
• Data flash with background operation
• Data flash size: 4 KB to 8 KB size options
• Erase cycles: 1 Million (typ.)
• Erase/programming voltage: 1.8 V to 5.5 V
RAM
• 2.5 KB to 24 KB size options
• Supports operands or instructions
• Back-up retention in all modes
High-speed On-chip Oscillator
• 32 MHz with +/- 1% accuracy over voltage (1.8 V to
5.5 V) and temperature (-20°C to 85°C)
• Pre-configured settings: 64 MHz,48 MHz,32 MHz,
24 MHz, 16 MHz, 12 MHz, 8 MHz, 4 MHz & 1 MHz
• 64 MHz, 48 MHz for timer RD
Reset and Supply Management
• Power-on reset (POR) monitor/generator
• Low voltage detection (LVD) with 14 setting options
(Interrupt and/or reset function)
General Purpose I/O
• 5 V tolerant, high-current (up to 20 mA per pin)
• Open-drain, on-chip pull-up resistor
Data Transfer Controller (DTC)
• 39 sources & 24 different settings
• Transfer data: 8 bits/16 bits
• Normal mode and repeat mode
Event Link Controller (ELC)
• Reduce interrupt intervention
• Link 26 events to specified peripheral function
Multiple Communication Interfaces
• Up to 8 x I2C master
• Up to 2 x I2C multi-master
• Up to 8 x CSI/SPI (7-, 8-bit)
• Up to 4 x UART (7-, 8-, 9-bit)
• Up to 1 x LIN
Extended-Function Timers
• Multi-function 16-bit timers: Up to 8 channels
• Motor control timer (3 ph - complementary mode)
• Timer with encoder function: 16-bit, 1 channel
• Real-time clock (RTC): 1 channel (full calendar and
alarm function with watch correction function)
• Interval timer: 12-bit, 1 channel
• 15 kHz watchdog timer: 1 channel (window function)
Rich Analog
• ADC: Up to 20 channels, 10-bit resolution, 2.1
s
conversion time
• Supports 1.6 V
• 2 x window comparators, with ELC connection
• D/A converter: 2 channels, 8-bit resolution
• Internal voltage reference (1.45 V)
• On-chip temperature sensor
Safety Features (IEC or UL 60730 compliance)
• Flash memory CRC calculation
• RAM parity error check
• RAM write protection
• SFR write protection
• Illegal memory access detection
• Clock stop/frequency detection
• ADC self-test
• I/O port read back function (echo)
Operating Ambient Temperature
• Standard: -40°C to + 85°C
• Extended: -40°C to + 105°C <under planning>
Package Type and Pin Count
From 4 mm x 4 mm to 14 mm x 20 mm
QFP: 32, 44, 48, 52, 64, 80,100
QFN: 32, 40, 48
SSOP: 30
LGA: 36, 64
R01DS0053EJ0100
Rev. 1.00
Feb 21, 2012


Similar Part No. - R5F10PLJCLFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10PLJ RENESAS-R5F10PLJ Datasheet
153Kb / 17P
PG-FP5
More results

Similar Description - R5F10PLJCLFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78 RENESAS-RL78_V01 Datasheet
3Mb / 207P
True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com