Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 6Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 7Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 8Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 9Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 10Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 11Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 12Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 13Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0100 Rev. 1.00
Page 10 of 97
Feb 21, 2012
1.3.5
44-pin products
• 44-pin plastic LQFP (10 × 10)
Note
Mounted on the 96 KB or more code flash memory products.
Caution
Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
F).
Remark 1. For pin identification, see 1.4 Pin Identification.
Remark 2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1
(PIOR0, 1).
34
35
36
37
38
39
40
41
42
43
44
22
21
20
19
18
17
16
15
14
13
12
P27/ANI7
P26/ANI6
P25/ANI5
P24/ANI4
P23/ANI3/ANO1
Note
P22/ANI2/ANO0
Note
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P01/TO00/RxD1/TRGCLKB/TRJIO0
P00/TI00/TxD1/TRGCLKA/(TRJO0)
P120/ANI19/VCOUT0
Note
P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0)
P30/INTP3/RTC1HZ/SCK00/SCL00/TRJO0
P70/KR0/SCK21/SCL21
P71/KR1/SI21/SDA21
P72/KR2/SO21
P73/KR3
P31/TI03/TO03/INTP4/PCLBUZ0/(TRJIO0)
P63
P62/SSI00
P61/SDAA0
P60/SCLA0
33 32 31 30 29 28 27 26 25 24
1 23 45 6 78 9 10 11
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com