Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F10PLJCLFB Datasheet HTML 1Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 2Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 3Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 4Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 5Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 6Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 7Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 8Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0100 Rev. 1.00
Page 2 of 97
Feb 21, 2012
ROM, RAM capacities
Note 1.
This is about 4.5 KB when the self-programming function and data flash function are used.
Note 2.
This is about 23 KB when the self-programming function and data flash function are used.
Flash ROM
Data flash
RAM
RL78/G14
30 pins
32 pins
36 pins
40 pins
192 KB
8 KB
20 KB
—
—
—
R5F104EH
128 KB
8 KB
16 KB
R5F104AG
R5F104BG
R5F104CG
R5F104EG
96 KB
8 KB
12 KB
R5F104AF
R5F104BF
R5F104CF
R5F104EF
64 KB
4 KB
5.5 KB Note 1
R5F104AE
R5F104BE
R5F104CE
R5F104EE
48 KB
4 KB
5.5 KB Note 1
R5F104AD
R5F104BD
R5F104CD
R5F104ED
32 KB
4 KB
4 KB
R5F104AC
R5F104BC
R5F104CC
R5F104EC
16 KB
4 KB
2.5 KB
R5F104AA
R5F104BA
R5F104CA
R5F104EA
Flash ROM
Data flash
RAM
RL78/G14
44 pins
48 pins
52 pins
64 pins
256 KB
8 KB
24 KB Note 2
R5F104FJ
R5F104GJ
R5F104JJ
R5F104LJ
192 KB
8 KB
20 KB
R5F104FH
R5F104GH
R5F104JH
R5F104LH
128 KB
8 KB
16 KB
R5F104FG
R5F104GG
R5F104JG
R5F104LG
96 KB
8 KB
12 KB
R5F104FF
R5F104GF
R5F104JF
R5F104LF
64 KB
4 KB
5.5 KB Note 1
R5F104FE
R5F104GE
R5F104JE
R5F104LE
48 KB
4 KB
5.5 KB Note 1
R5F104FD
R5F104GD
R5F104JD
R5F104LD
32 KB
4 KB
4 KB
R5F104FC
R5F104GC
R5F104JC
R5F104LC
16 KB
4 KB
2.5 KB
R5F104FA
R5F104GA
—
—
Flash ROM
Data flash
RAM
RL78/G14
80 pins
100 pins
256 KB
8 KB
24 KB Note 2
R5F104MJ
R5F104PJ
192 KB
8 KB
20 KB
R5F104MH
R5F104PH
128 KB
8 KB
16 KB
R5F104MG
R5F104PG
96 KB
8 KB
12 KB
R5F104MF
R5F104PF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com