Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 90Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 91Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 92Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 93Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 94Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 95Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 96Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 97Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 94 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
2.6.6
LVD circuit characteristics
Caution
Set the detection voltage (VLVI) to be within the operating voltage range. The operating voltage range depends on
the setting of the user option byte (000C2H/010C2H). The following shows the operating voltage range.
HS (high-speed main) mode:
VDD = 2.7 to 5.5 V@1 MHz to 32 MHz
VDD = 2.4 to 5.5 V@1 MHz to 16 MHz
LS (low-speed main) mode:
VDD = 1.8 to 5.5 V@1 MHz to 8 MHz
LV (low voltage main) mode:
VDD = 1.6 to 5.5 V@1 MHz to 4 MHz
Remark
VLVI (n - 1) > VLVIn: n = 1 to 13
(TA = -40 to +85
C, VPDR EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection
voltage
Supply voltage level
VLVI0
Power supply rise time
3.98
4.06
4.14
V
Power supply fall time
3.90
3.98
4.06
V
VLVI1
Power supply rise time
3.68
3.75
3.82
V
Power supply fall time
3.60
3.67
3.74
V
VLVI2
Power supply rise time
3.07
3.13
3.19
V
Power supply fall time
3.00
3.06
3.12
V
VLVI3
Power supply rise time
2.96
3.02
3.08
V
Power supply fall time
2.90
2.96
3.02
V
VLVI4
Power supply rise time
2.86
2.92
2.97
V
Power supply fall time
2.80
2.86
2.91
V
VLVI5
Power supply rise time
2.76
2.81
2.87
V
Power supply fall time
2.70
2.75
2.81
V
VLVI6
Power supply rise time
2.66
2.71
2.76
V
Power supply fall time
2.60
2.65
2.70
V
VLVI7
Power supply rise time
2.56
2.61
2.66
V
Power supply fall time
2.50
2.55
2.60
V
VLVI8
Power supply rise time
2.45
2.50
2.55
V
Power supply fall time
2.40
2.45
2.50
V
VLVI9
Power supply rise time
2.05
2.09
2.13
V
Power supply fall time
2.00
2.04
2.08
V
VLVI10
Power supply rise time
1.94
1.98
2.02
V
Power supply fall time
1.90
1.94
1.98
V
VLVI11
Power supply rise time
1.84
1.88
1.91
V
Power supply fall time
1.80
1.84
1.87
V
VLVI12
Power supply rise time
1.74
1.77
1.81
V
Power supply fall time
1.70
1.73
1.77
V
VLVI13
Power supply rise time
1.64
1.67
1.70
V
Power supply fall time
1.60
1.63
1.66
V
Minimum pulse width
tLW
300
s
Detection delay time
tLD
300
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com