Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 27Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 28Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 29Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 30Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 31Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 32Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 33Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 34Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0100 Rev. 1.00
Page 31 of 97
Feb 21, 2012
1.6
Outline of Functions
[30-pin, 32-pin, 36-pin, 40-pin products (code flash memory 16 KB to 64 KB)]
Caution
This outline describes the functions at the time when Peripheral I/O redirection register 0, 1
(PIOR0, 1) are set to 00H.
(1/2)
Note
In the case of the 5.5 KB, this is about 4.5 KB when the self-programming function and data flash function are used.
Item
30-pin
32-pin
36-pin
40-pin
R5F104Ax
(x = A, C to E)
R5F104Bx
(x = A, C to E)
R5F104Cx
(x = A, C to E)
R5F104Ex
(x = A, C to E)
Code flash memory (KB)
16 to 64
16 to 64
16 to 64
16 to 64
Data flash memory (KB)
4444
RAM (KB)
2.5 to 5.5 Note
2.5 to 5.5 Note
2.5 to 5.5 Note
2.5 to 5.5 Note
Memory space
1 MB
Main system
clock
High-speed system
clock
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
1 to 20 MHz: VDD = 2.7 to 5.5 V, 1 to 8 MHz: VDD = 1.8 to 2.7 V, 1 to 4 MHz: VDD = 1.6 to 1.8 V
High-speed on-chip
oscillator clock (fIH)
High-speed operation: 1 to 32 MHz (VDD = 2.7 to 5.5 V), High-speed operation: 1 to 16 MHz (VDD = 2.4 to
5.5 V), Low-speed operation: 1 to 8 MHz (VDD = 1.8 to 5.5 V), Low-voltage operation: 1 to 4 MHz (VDD =
1.6 to 5.5 V)
Subsystem clock
—
XT1 (crystal) oscillation
32.768 kHz (TYP.):
VDD = 1.6 to 5.5 V
Low-speed on-chip oscillator clock
15 kHz (TYP.): VDD = 1.6 to 5.5 V
General-purpose register
8 bits × 32 registers (8 bits × 8 registers × 4 banks)
Minimum instruction execution time
0.03125
s (High-speed on-chip oscillator clock: fIH = 32 MHz operation)
0.05
s (High-speed system clock: fMX = 20 MHz operation)
—
30.5
s (Subsystem
clock: fSUB = 32.768 kHz
operation)
Instruction set
• Data transfer (8/16 bits)
• Adder and subtractor/logical operation (8/16 bits)
• Multiplication (8 bits × 8 bits, 16 bits × 16 bits), Division (16 bits ÷ 16 bits, 32 bits ÷ 32 bits)
• Multiplication and Accumulation (16 bits × 16 bits + 32 bits)
• Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
26
28
32
36
CMOS I/O
21
22
26
28
CMOS input
3335
CMOS output
————
N-ch open-drain I/O (6
V tolerance)
2333
Timer
16-bit timer
8 channels
(TAU: 4 channels, Timer RJ: 1 channel, Timer RD: 2 channels, Timer RG: 1 channel)
Watchdog timer
1 channel
Real-time clock (RTC)
1 channel
12-bit interval timer
1 channel
Timer output
16
(TAU: 4, Timer RJ: 2, Timer RD: 8, Timer RG: 2)
PWM outputs: 10 (TAU: 3, Timer RD: 6, Timer RG: 1)
RTC output
—
1
•1 Hz
(subsystem clock: fSUB
= 32.768 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com