Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 14Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 15Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 16Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 17Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 18Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 19Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 20Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 21Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 100 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0100 Rev. 1.00
Page 18 of 97
Feb 21, 2012
1.3.10
100-pin products
• 100-pin plastic LQFP (fine pitch) (14 × 14)
Caution
Make EVSS0, EVSS1 pins the same potential as VSS pin.
Caution 1. Make VDD pin the same potential as EVDD0 pin, or the potential that is higher than the EVDD0 pin.
Make EVDD1 pin the same potential as EVDD0 pin.
Caution 2. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
F).
Remark 1. For pin identification, see 1.4 Pin Identification.
Remark 2. When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced,
it is recommended to supply separate powers to the VDD, EVDD0 and EVDD1 pins and connect the VSS, EVSS0 and EVSS1
pins to separate ground lines.
Remark 3. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1
(PIOR0, 1).
12 3
4 5 6 78 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
P81/(SI10)/(RXD1)/(SDA10)
P80/(SCK10)/(SCL10)
EVSS1
P05
P06/(TRJIO0)
P70/KR0/SCK21/SCL21
P71/KR1/SI21/SDA21
P72/KR2/SO21
P73/KR3
P74/KR4/INTP8
P75/KR5/INTP9
P76/KR6/INTP10/(RXD2)
P77/KR7/INTP11/(TXD2)
P67/TI13/TO13
P66/TI12/TO12
P65/TI11/TO11
P64/TI10/TO10
P31/TI03/TO03/INTP4/(PCLBUZ0)/(TRJIO0)
P63/SDAA1
P62/SSI00/SCLA1
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
45
46
47
48
49
50
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57
P150/ANI8
P27/ANI7
P26/ANI6
P25/ANI5
P24/ANI4
P23/ANI3/ANO1
P22/ANI2/ANO0
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P130
P102
P04/SCK10/SCL10
P03/ANI16/SI10/RxD1/SDA10
P02/ANI17/SO10/TxD1
P01/TO00/TRGCLKB/TRJIO0
P00/TI00/TRGCLKA/(TRJO0)
P145
P144/SO30/TxD3
P143/SI30/RxD3/SDA30
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
P151/ANI9
81
P152/ANI10
80
P153/ANI11
79
P154/ANI12
78
P155/ANI13
77
P156/ANI14
76
56 55 54 53 52 51
P86/(INTP8)
P85/(INTP7)
P84/(INTP6)
P83
P82/(SO10)/(TXD1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com