Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 49Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 50Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 51Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 52Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 53Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 54Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 55Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 56Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 53 of 97
Feb 21, 2012
Note 1.
Total current flowing into VDD and EVDD0, including the input leakage current flowing when the level of the input pin is
fixed to VDD, EVDD0 or VSS, EVSS0. The values below the MAX. column include the peripheral operation current (except
for background operation (BGO)). However, not including the current flowing into the A/D converter, LVD circuit, I/O port,
and on-chip pull-up/pull-down resistors.
Note 2.
When high-speed on-chip oscillator and subsystem clock are stopped.
Note 3.
When high-speed system clock and subsystem clock are stopped.
Note 4.
When high-speed on-chip oscillator and high-speed system clock are stopped. When real-time counter and watchdog
timer is stopped. When AMPHS1 = 1 (Ultra-low power consumption oscillation).
Note 5.
Relationship between operation voltage width, operation frequency of CPU and operation mode is as below.
High speed operation: VDD = 2.7 V to 5.5 V@1 MHz to 32 MHz
VDD = 2.4 V to 5.5 V@1 MHz to 16 MHz
Low speed operation: VDD = 1.8 V to 5.5 V@1 MHz to 8 MHz
Low voltage operation: VDD = 1.6 V to 5.5 V@1 MHz to 4 MHz
Remark 1. fMX: High-speed system clock frequency (X1 clock oscillation frequency or external main system clock frequency)
Remark 2. fHOCO: High-speed on-chip oscillator clock frequency (64 MHz max.)
Remark 3. fIH: High-speed on-chip oscillator clock frequency (32 MHz max.) Note
Remark 4. fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
Remark 5. Except subsystem clock operation, temperature condition of the TYP. value is TA = 25°C
Note
fIH is controlled by hardware to be set to two frequency division of fHOCO when fHOCO is set to 64 MHz or 48 MHz, and the
same clock frequency as fHOCO when fHOCO is set to 32 MHz or less. When supplying 64 MHz or 48 MHz to timer RD, set
fCLK to fIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com