Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 10Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 11Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 12Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 13Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 14Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 15Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 16Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 17Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0100 Rev. 1.00
Page 14 of 97
Feb 21, 2012
1.3.8
64-pin products
• 64-pin plastic LQFP (14 × 14)
• 64-pin plastic LQFP (12 × 12)
• 64-pin plastic LQFP (fine pitch) (10 × 10)
Note
Mounted on the 96 KB or more code flash memory products.
Caution 1. Make EVSS0 pin the same potential as VSS pin.
Caution 2. Make VDD pin the same potential as EVDD0 pin, or the potential that is higher than the EVDD0 pin.
Caution 3. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
F).
Remark 1. For pin identification, see 1.4 Pin Identification.
Remark 2. When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced,
it is recommended to supply separate powers to the VDD and EVDD0 pins and connect the VSS and EVSS0 pins to
separate ground lines.
Remark 3. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1
(PIOR0, 1).
P27/ANI7
P26/ANI6
P25/ANI5
P24/ANI4
P23/ANI3/ANO1
Note
P22/ANI2/ANO0
Note
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P130
P04/SCK10/SCL10
P03/ANI16/SI10/RxD1/SDA10
P02/ANI17/SO10/TxD1
P01/TO00/TRGCLKB/TRJIO0
P00/TI00/TRGCLKA/(TRJO0)
P141/PCLBUZ1/INTP7
P140/PCLBUZ0/INTP6
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
P30/INTP3/RTC1HZ/SCK00/SCL00/TRJO0
P05/(INTP10)
P06/(INTP11)/(TRJIO0)
P70/KR0/SCK21/SCL21
P71/KR1/SI21/SDA21
P72/KR2/SO21
P73/KR3/SO01
P74/KR4/INTP8/SI01/SDA01
P75/KR5/INTP9/SCK01/SCL01
P76/KR6/INTP10/(RXD2)
P77/KR7/INTP11/(TXD2)
P31/TI03/TO03/INTP4/(PCLBUZ0)/(TRJIO0)
P63
P62/SSI00
P61/SDAA0
P60/SCLA0
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
12 3 4 5 6 7 8 9 10 111213 14 15 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com