Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F10PLJCLFB Datasheet HTML 1Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 2Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 3Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 4Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 5Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 6Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 7Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 8Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0100 Rev. 1.00
Page 3 of 97
Feb 21, 2012
1.2
Ordering Information
(1/2)
Pin count
Package
Part Number
30 pins
30-pin plastic SSOP (7.62 mm (300))
R5F104AAASP, R5F104ACASP, R5F104ADASP, R5F104AEASP,
R5F104AFASP, R5F104AGASP
R5F104AADSP, R5F104ACDSP, R5F104ADDSP, R5F104AEDSP,
R5F104AFDSP, R5F104AGDSP
32 pins
32-pin plastic WQFN (fine pitch) (5 × 5)
R5F104BAANA, R5F104BCANA, R5F104BDANA, R5F104BEANA,
R5F104BFANA, R5F104BGANA
R5F104BADNA, R5F104BCDNA, R5F104BDDNA, R5F104BEDNA,
R5F104BFDNA, R5F104BGDNA
32-pin plastic LQFP (7 × 7)
R5F104BAAFP, R5F104BCAFP, R5F104BDAFP, R5F104BEAFP,
R5F104BFAFP, R5F104BGAFP
R5F104BADFP, R5F104BCDFP, R5F104BDDFP, R5F104BEDFP,
R5F104BFDFP, R5F104BGDFP
36 pins
36-pin plastic FLGA (4 × 4)
R5F104CAALA, R5F104CCALA, R5F104CDALA, R5F104CEALA,
R5F104CFALA, R5F104CGALA
R5F104CADLA, R5F104CCDLA, R5F104CDDLA, R5F104CEDLA,
R5F104CFDLA, R5F104CGDLA
40 pins
40-pin plastic WQFN (fine pitch) (6 × 6)
R5F104EAANA, R5F104ECANA, R5F104EDANA, R5F104EEANA,
R5F104EFANA, R5F104EGANA, R5F104EHANA
R5F104EADNA, R5F104ECDNA, R5F104EDDNA, R5F104EEDNA,
R5F104EFDNA, R5F104EGDNA, R5F104EHDNA
44 pins
44-pin plastic LQFP (10 × 10)
R5F104FAAFP, R5F104FCAFP, R5F104FDAFP, R5F104FEAFP,
R5F104FFAFP, R5F104FGAFP, R5F104FHAFP, R5F104FJAFP
R5F104FADFP, R5F104FCDFP, R5F104FDDFP, R5F104FEDFP,
R5F104FFDFP, R5F104FGDFP, R5F104FHDFP, R5F104FJDFP
48 pins
48-pin plastic LQFP (fine pitch) (7 × 7)
R5F104GAAFB, R5F104GCAFB, R5F104GDAFB, R5F104GEAFB,
R5F104GFAFB, R5F104GGAFB, R5F104GHAFB, R5F104GJAFB
R5F104GADFB, R5F104GCDFB, R5F104GDDFB, R5F104GEDFB,
R5F104GFDFB, R5F104GGDFB, R5F104GHDFB, R5F104GJDFB
48-pin plastic WQFN (7 × 7)
R5F104GAANA, R5F104GCANA, R5F104GDANA, R5F104GEANA,
R5F104GFANA, R5F104GGANA, R5F104GHANA, R5F104GJANA
R5F104GADNA, R5F104GCDNA, R5F104GDDNA, R5F104GEDNA,
R5F104GFDNA, R5F104GGDNA, R5F104GHDNA, R5F104GJDNA
52 pins
52-pin plastic LQFP (10 × 10)
R5F104JCAFA, R5F104JDAFA, R5F104JEAFA, R5F104JFAFA,
R5F104JGAFA, R5F104JHAFA, R5F104JJAFA
R5F104JCDFA, R5F104JDDFA, R5F104JEDFA, R5F104JFDFA,
R5F104JGDFA, R5F104JHDFA, R5F104JJDFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com