Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 91Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 92Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 93Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 94Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 95Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 96Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 97Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 98Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 95 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
Caution
Set the detection voltage (VLVI) to be within the operating voltage range. The operating voltage range depends on
the setting of the user option byte (000C2H/010C2H). The following shows the operating voltage range.
HS (high-speed main) mode:
VDD = 2.7 to 5.5 V@1 MHz to 32 MHz
VDD = 2.4 to 5.5 V@1 MHz to 16 MHz
LS (low-speed main) mode:
VDD = 1.8 to 5.5 V@1 MHz to 8 MHz
LV (low voltage main) mode:
VDD = 1.6 to 5.5 V@1 MHz to 4 MHz
LVD Detection Voltage of Interrupt & Reset Mode
(TA = -40 to +85
C, VPDR EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Interrupt and reset
mode
VLVI13
VPOC0, VPOC1, VPOC2 = 0, 0, 0, falling reset voltage: 1.6 V
1.60
1.63
1.66
V
VLVI12
LVIS0, LVIS1 = 1, 0
(+0.1 V)
Rising release reset voltage
1.74
1.77
1.81
V
Falling interrupt voltage
1.70
1.73
1.77
V
VLVI11
LVIS0, LVIS1 = 0, 1
(+0.2 V)
Rising release reset voltage
1.84
1.88
1.91
V
Falling interrupt voltage
1.80
1.84
1.87
V
VLVI4
LVIS0, LVIS1 = 0, 0
(+1.2 V)
Rising release reset voltage
2.86
2.92
2.97
V
Falling interrupt voltage
2.80
2.86
2.91
V
VLVI11
VPOC0, VPOC1, VPOC2 = 0, 0, 1, falling reset voltage: 1.8 V
1.80
1.84
1.87
V
VLVI10
LVIS0, LVIS1 = 1, 0
(+0.1 V)
Rising release reset voltage
1.94
1.98
2.02
V
Falling interrupt voltage
1.90
1.94
1.98
V
VLVI9
LVIS0, LVIS1 = 0, 1
(+0.2 V)
Rising release reset voltage
2.05
2.09
2.13
V
Falling interrupt voltage
2.00
2.04
2.08
V
VLVI2
LVIS0, LVIS1 = 0, 0
(+1.2 V)
Rising release reset voltage
3.07
3.13
3.19
V
Falling interrupt voltage
3.00
3.06
3.12
V
VLVI8
VPOC0, VPOC1, VPOC2 = 0, 1, 0, falling reset voltage: 2.4 V
2.40
2.45
2.50
V
VLVI7
LVIS0, LVIS1 = 1, 0
(+0.1 V)
Rising release reset voltage
2.56
2.61
2.66
V
Falling interrupt voltage
2.50
2.55
2.60
V
VLVI6
LVIS0, LVIS1 = 0, 1
(+0.2 V)
Rising release reset voltage
2.66
2.71
2.76
V
Falling interrupt voltage
2.60
2.65
2.70
V
VLVI1
LVIS0, LVIS1 = 0, 0
(+1.2 V)
Rising release reset voltage
3.68
3.75
3.82
V
Falling interrupt voltage
3.60
3.67
3.74
V
VLVI5
VPOC0, VPOC1, VPOC2 = 0, 1, 1, falling reset voltage: 2.7 V
2.70
2.75
2.81
V
VLVI4
LVIS0, LVIS1 = 1, 0
(+0.1 V)
Rising release reset voltage
2.86
2.92
2.97
V
Falling interrupt voltage
2.80
2.86
2.91
V
VLVI3
LVIS0, LVIS1 = 0, 1
(+0.2 V)
Rising release reset voltage
2.96
3.02
3.08
V
Falling interrupt voltage
2.90
2.96
3.02
V
VLVI0
LVIS0, LVIS1 = 0, 0
(+1.2 V)
Rising release reset voltage
3.98
4.06
4.14
V
Falling interrupt voltage
3.90
3.98
4.06
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com