Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 41Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 42Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 43Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 44Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 45Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 46Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 47Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 48Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 45 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
2.2.2
On-chip oscillator characteristics
Note 1.
High-speed on-chip oscillator frequency is selected with bits 0 to 4 of the option byte (000C2H/010C2H) and bits 0 to 2 of
the HOCODIV register.
Note 2.
This only indicates the oscillator characteristics. Refer to AC Characteristics for instruction execution time.
When SSOP (30-pin), WQFN (32-, 40-, 48-pin), FLGA (36-pin), LQFP (7 × 7) (48-pin), LQFP (10 × 10) (52-pin), LQFP
(12 × 12) (64-, 80-pin), LQFP (14 × 14) (80-, 100-pin), LQFP (14 × 20) (100-pin) products, these specifications show
target values, which may change after device evaluation.
(TA = -40 to +85
C, 1.6 V EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
High-speed on-chip oscillator
clock frequency Note 1
fIH
132
MHz
High-speed on-chip oscillator
clock frequency accuracy Note 2
-20 to +85
C
1.8 V
 VDD  5.5 V
-1
+1
%
1.6 V
 VDD  1.8 V
-5
+5
%
-40 to -20
C
1.8 V
 VDD < 5.5 V
-1.5
+1.5
%
1.6 V
 VDD  1.8 V
-5.5
+5.5
%
Low-speed on-chip oscillator
clock frequency
fIL
15
kHz
Low-speed on-chip oscillator
clock frequency accuracy
-15
+15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com