Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 92Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 93Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 94Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 95Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 96Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 97Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 98Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 99Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 100Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 97 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
2.10
Timing Specs for Switching Modes
<1> The low level is input to the TOOL0 pin.
<2> The pins reset ends (POR and LVD reset must end before the pin reset ends.).
<3> The TOOL0 pin is set to the high level.
<4> Setting of the flash memory programming mode by UART reception and complete the baud rate setting.
Remark
tSUINIT: The segment shows that it is necessary to finish specifying the initial communication settings within 100 ms from
when the external and internal resets end.
tSU: How long from when the TOOL0 pin is placed at the low level until a pin reset ends
tHD: How long to keep the TOOL0 pin at the low level from when the external and internal resets end
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
How long from when a pin reset ends until the initial
communication settings are specified
tSUINIT
POR and LVD reset must end
before the pin reset ends.
100
ms
How long from when the TOOL0 pin is placed at the
low level until a pin reset ends
tSU
POR and LVD reset must end
before the pin reset ends.
10
s
How long the TOOL0 pin must be kept at the low
level after a reset ends
tHD
POR and LVD reset must end
before the pin reset ends.
1ms
RESET
TOOL0
<1>
<2>
<3>
tSU
<4>
tSUINIT
tHD+
software
processing
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com