Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 47Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 48Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 49Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 50Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 51Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 52Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 53Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 54Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 51 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +85
C, 1.6 V EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input leakage
current, high
ILIH1
P00 to P06, P10 to P17, P30,
P31, P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100 to P102, P110,
P111, P120, P140 to P147
VI = EVDD0
1
A
ILIH2
P20 to P27, P137, P150 to P156,
RESET
VI = VDD
1
A
ILIH3
P121 to P124
(X1, X2, EXCLK, XT1, XT2,
EXCLKS)
VI = VDD
In input port or
external clock
input
1
A
In resonator
connection
10
A
Input leakage
current, low
ILIL1
P00 to P06, P10 to P17, P30,
P31, P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100 to P102, P110,
P111, P120, P140 to P147
VI = EVSS0
-1
A
ILIL2
P20 to P27, P137, P150 to P156,
RESET
VI = VSS
-1
A
ILIL3
P121 to P124
(X1, X2, EXCLK, XT1, XT2,
EXCLKS)
VI = VSS
In input port or
external clock
input
-1
A
In resonator
connection
-10
A
On-chip pll-up
resistance
RU
P00 to P06, P10 to P17, P30,
P31, P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100 to P102, P110,
P111, P120, P140 to P147
VI = EVSS0, In input port
10
20
100
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com