Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 67Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 68Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 69Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 70Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 71Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 72Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 73Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 74Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 71 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
Note 1.
Transfer rate in the SNOOZE mode : MAX. 9600 bps, MIN. 4800 bps
Note 2.
Use it with EVDD0
 Vb.
Note 3.
The following conditions are required for low voltage interface when EVDD0 < VDD.
2.4 V
 EVDD0 < 2.7 V : MAX. 2.6 Mbps
1.8 V
 EVDD0 < 2.4 V : MAX. 1.3 Mbps
1.6 V
 EVDD0 < 1.8 V : MAX. 0.6 Mbps
Caution
Select the TTL input buffer for the RxDq pin and the N-ch open drain output (EVDD0 tolerance) mode for the TxDq
pin by using port input mode register g (PIMg) and port output mode register g (POMg).
Remark 1. Vb[V]: Communication line voltage
Remark 2.
q: UART number (q = 0 to 3), g: PIM and POM number (g = 0, 1, 5, 14)
Remark 3.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03, 10 to 13)
Remark 4.
VIH and VIL below are observation points for the AC characteristics of the serial array unit when communicating at
different potentials in UART mode.
4.0 V
 EVDD0  5.5 V, 2.7 V  Vb  4.0 V: VIH = 2.2 V, VIL = 0.8 V
2.7 V
 EVDD0 < 4.0 V, 2.3 V  Vb  2.7 V: VIH = 2.0 V, VIL = 0.5 V
1.8 V
 EVDD0 < 3.3 V, 1.6 V  Vb  2.0 V: VIH = 1.50 V, VIL = 0.32 V
Remark 5.
UART2 cannot communicate at different potential when bit 1 (PIOR01) of peripheral I/O redirection register 0 (PIOR0) is
1.
(6)
Communication at different potential (2.5 V, 3 V) (UART mode) (dedicated baud rate generator output)
(TA = -40 to +85
C, 1.8 V EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
Notes 1, 2
reception
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V
fMCK/6 Note 1
bps
Theoretical value of the
maximum transfer rate
fCLK = 32 MHz, fMCK = fCLK
5.3
Mbps
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V
fMCK/6 Note 1
bps
Theoretical value of the
maximum transfer rate
fCLK = 32 MHz, fMCK = fCLK
5.3
Mbps
1.8 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V
fMCK/6
Note 1 to Note 3
bps
Theoretical value of the
maximum transfer rate
fCLK = 8 MHz, fMCK = fCLK
1.3
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com