Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10PLJCLFB Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R5F10PLJCLFB
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10PLJCLFB Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R5F10PLJCLFB Datasheet HTML 71Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 72Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 73Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 74Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 75Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 76Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 77Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 78Page - Renesas Technology Corp R5F10PLJCLFB Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 75 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
(Notes, Caution and Remarks are listed on the next page.)
(7)
Communication at different potential (2.5 V, 3 V) (fMCK/2) (CSI mode) (master mode, SCKp... internal clock output)
(TA = -40 to +85
C, 2.7 V EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCKp cycle time
tKCY1
4.0 V
 EVDD0  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 20 pF, Rb = 1.4 k
200 Note 1
ns
2.7 V
 EVDD0 < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
300 Note 1
ns
SCKp high-level width
tKH1
4.0 V
 EVDD0  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 20 pF, Rb = 1.4 k
tKCY1/2 - 50
ns
2.7 V
 EVDD0 < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
tKCY1/2 - 120
ns
SCKp low-level width
tKL1
4.0 V
 EVDD0  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 20 pF, Rb = 1.4 k
tKCY1/2 - 7
ns
2.7 V
 EVDD0 < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
tKCY1/2 - 10
ns
SIp setup time
(to SCKp
↑) Note 2
tSIK1
4.0 V
 EVDD0  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 20 pF, Rb = 1.4 k
58
ns
2.7 V
 EVDD0 < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
121
ns
SIp hold time
(from SCKp
↑) Note 2
tKSI1
4.0 V
 EVDD0  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 20 pF, Rb = 1.4 k
10
ns
2.7 V
 EVDD0 < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
10
ns
Delay time from SCKp
↓ to SOp
output Note 2
tKSO1
4.0 V
 EVDD0  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 20 pF, Rb = 1.4 k
60
ns
2.7 V
 EVDD0 < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
130
ns
SIp setup time
(to SCKp
↓) Note 3
tSIK1
4.0 V
 EVDD0  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 20 pF, Rb = 1.4 k
23
ns
2.7 V
 EVDD0 < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
33
ns
SIp hold time
(from SCKp
↓) Note 3
tKSI1
4.0 V
 EVDD0  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 20 pF, Rb = 1.4 k
10
ns
2.7 V
 EVDD0 < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
10
ns
Delay time from SCKp
↑ to SOp
output Note 3
tKSO1
4.0 V
 EVDD0  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 20 pF, Rb = 1.4 k
10
ns
2.7 V
 EVDD0 < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com