Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
45
Figure 19 Recommended Headphone Output Configuration
HEADPHONE OUTPUT BIAS BOOST
In order to increase the signal to noise ratio (SNR) of the headphone output, the HP_PGAS_BIAS[2:0]
and HP_BIAS_BOOST[2:0] register bits can be used to increase the bias current to the headphone
output drive as shown in Table 31. There will be a slight increase in power consumption when a bias
boost greater than x1 is selected.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R68 (44h)
Analogue PGA
Bias
2:0
HP_PGAS_BIA
S[2:0]
011
Headphone PGA bias options
000
x 2
001
Reserved
010
Reserved
011
x 1
100-111 Reserved
R71 (47h)
Analogue HP 2
2:0
HP_BIAS_BOO
ST[2:0]
011
Boost bias into headphone driver
000:
x2
001:
Reserved
010:
Reserved
011:
x1
100-111 Reserved
Table 31 Headphone Output Bias Boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com