Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
95
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56 (38h)
Clocking 4
8:5
CLK_DCS_DIV[3:0]
1000
Clock divider control for DC Servo, set to get 1.5Mhz from SYSCLK
0000 : SYSCLK/1
0001 : SYSCLK/1.5
0010 : SYSCLK/2
0011 : Reserved
0100 : SYSCLK/3
0101 : SYSCLK/4
0110 : SYSCLK/5.5
0111 : SYSCLK/6
1000 : SYSCLK/8
1001-1111 : Reserved
4:1
CLK_SYS_RATE[3:0]
0011
Specifies the rate of SYSCLK with respect to the sample rate.
0000 : 64*fs
0001 : 128*fs
0010 : 192*fs
0011 : 256*fs
0100 : 384*fs
0101 : 512*fs
0110 : 768*fs
0111 : 1024 *fs
1000 : 1408*fs
1001 : 1536*fs
1010 -> 1111 : reserved
Register 38h Clocking 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R57 (39h)
DSP
Sidetone 0
7:4
ADCR_DAC_SVOL[3:0]
0000
Controls volume of ADC Right side tone, 3dB steps.
0000 : -36dB
0001 : -33dB
…
1111 : 0dB
3:2
ADC_TO_DACR[1:0]
00
DAC Right Side-tone Control
11 = Unused
10 = Mix ADCR into DACR
01 = Mix ADCL into DACR
00 = No Side-tone mix into DACR
Register 39h DSP Sidetone 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com