Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
92
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Pwr Mgmt (1)
8:7
VMIDSEL[1:0]
00
00 = off
01 = 2x50k
10 = 2x250k
11 = 2x5k
6
VREF
0
Enable master bias current source
5
AINL
0
Enables Left PGA and boost mixer
4
AINR
0
Enables Right PGA and boost mixer
3
ADCL
0
Enable ADC Left channel
2
ADCR
0
Enable ADC Right channel
1
MICB
0
Enable MICBIAS circuit
Register 19h Pwr Mgmt (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R26 (1Ah)
Pwr Mgmt (2)
8
DACL
0
Enable left DAC channel
7
DACR
0
Enable right DAC channel
6
LOUT1_PGA
0
Enable left headphone PGA
5
ROUT1_PGA
0
Enable right headphone PGA
4
SPKL_PGA
0
Enable left speaker PGA
3
SPKR_PGA
0
Enable right speaker PGA
Register 1Ah Pwr Mgmt (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Additional
control (3)
2:0
SAMPLE_RATE[2:0]
000
Sample Rate Control for ALC and auto configuration
000 : 44.1k/48k
001 : 32k
010 : 22.05k/24k
011 : 16k
100 : 11.25k/12k
101 : 8k
110-111 : reserved
Register 1Bh Additional control (3)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R28 (1Ch)
Anti-pop
4
BUFDCOPEN
0
Enables fast startup bias gen
3
BUFIOEN
0
Enables fast startup bias and vmid buffers
2
SOFT_ST
0
Enables VMID soft start
0 : Disabled
1 : Enabled
Register 1Ch Anti-pop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com