Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
79
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Power Management (1)
8:7
VMIDSEL
00
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 50k
Ω divider enabled (for normal
playback / record)
10 = 2 x 250k
Ω divider enabled (for low-power
standby)
11 = 2 x 5k
Ω divider enabled (for fast start-up)
6
VREF
0
Enable master bias current source
0 = Master bias current source disabled
1 = Master bias current source enabled
R28 (1Ch) Anti-pop
4
BUFDCOPEN
0
Enables fast startup bias generation
3
BUFIOEN
0
Internal VMID and fast bias enable
2
SOFT_ST
0
For anti-pops and clicks. VMID Slow start up.
Ramp up voltage
0 = function disabled
1 = slow VMID slew rate selected
Table 62 VMIDSEL Control Registers
The BUFDCCOPEN and BUFIOEN are used internally to enable the internal VMID and to enable the
internal fast start-up bias current. Users should enable both (set them to 1). The SOFT_ST bit can be
used to give a slow VMID ramp up voltage to reduce possibility of pops and clicks at start-up.
THERMAL SHUTDOWN AND STATUS
The speaker outputs can drive very large currents. To protect the WM8961 from overheating a
thermal shutdown circuit is included. If the device temperature reaches approximately 150
0C and the
thermal shutdown circuit is enabled (TSDEN = 1; TSENSEN = 1) the speaker amplifiers (SPK_LP,
SPK_LN, SPK_RP and SPK_RN) will be disabled.
TSENSEN must be set to 1 to enable the temperature sensor when using the TSDEN thermal
shutdown function.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional Control (1)
8
TSDEN
1
Thermal Shutdown Enable
0 = Thermal shutdown disabled
1 = Thermal shutdown enabled
(TSENSEN must be enabled for this function to
work)
R48 (30h)
Additional Control (4)
1
TSENSEN
1
Temperature Sensor Enable
0 = Temperature sensor disabled
1 = Temperature sensor enabled
Table 63 Thermal Shutdown
In addition to the thermal shutdown registers, there are 2 status (read only) registers which can be
used to check the status of the temperature sensor. These are the TEMP_WARN and TEMP_SHUT
status bits
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R47 (2Fh) Pwr Mgmt (3)
1
TEMP_SHUT
0
Read only status of temperature sensor
triggers at 145 degrees C
0
TEMP_WARN
0
Read only status of temperature sensor – triggers
at 125 degrees C
Table 64 Thermal Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com