Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
77
ADDITIONAL SAMPLE RATE CONFIGURATION REQUIREMENTS
The DEEMPH[1:0], R5[2:1], should be configured to match the chosen DAC sample rate.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC and DAC
Control 1
2:1
DEEMPH[1:0]
00
DAC De-emphasis Filter Control
00: no de-emphasis
01: De-emphasis for 32kHz sample rate
10: De-emphasis for 44.1kHz sample rate
11: De-emphasis for 48kHz sample rate
Table 58 Additional Clock Configuration Register
DC SERVO CLOCK
The DC Servo requires to be clocked at a nominal 1.536MHz. It is controlled by the CLK_DCS_CLK
configuration bits as shown in Table 59
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56 (38h) Clocking 4
8:5
CLK_DCS_DIV[3:0]
1000
Clock divider control for DC Servo, set to get 1.5Mhz
from SYSCLK
0000 : SYSCLK/1
0001 : SYSCLK/1.5
0010 : SYSCLK/2
0011 : Reserved
0100 : SYSCLK/3
0101 : SYSCLK/4
0110 : SYSCLK/5.5
0111 : SYSCLK/6
1000 : SYSCLK/8 (default for 12.288MHz/8 =
1.536MHz)
1001-1111 : Reserved
Table 59 DC Servo Clock Configuration
CLASS D CLOCK
The Class D clock is divided from SYSCLK.
When SYSCLK is 12.288 MHz, the Class D clock operates at an optimum frequency of 384 kHz
When SYSCLK is 11.2896 MHz, the Class D clock operates at an optimum frequency of 352.8 kHz
It is controlled using the DCLKDIV[2:0] configuration bits. For optimal operation, DCLKDIV[2:0] should
be set to divide SYSCLK by 16, giving a clock of 768 KHz. This is further divided by 2 by the Class D
function which runs at 384 KHz
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h) Clocking2
8:6
DCLKDIV[2:0]
111
Divide of Class D clock from SYSCLK
000 : 1
001 : 2
010 : 3
011 : 4
100 : 6
101 : 8
110 : 12
111 : 16 (default for 12.288MHz/16 = 768
KHz)
(Note that Class D function further divides
by 2 to run at 384 KHz)
Table 60 Class D Clock Rate Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com