Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 89 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 89 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
89
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17 (11h)
ALC1
8:7
ALCSEL[1:0]
00
ALC Function Select
00 : ALC off (PGA gain set by register)
01 : Right channel only
10: Left channel only
11 : Stereo (PGA registers unused). Note: ensure that LINVOL and
RINVOL settings are the same before entering this mode.
6:4
MAXGAIN[2:0]
111
ALC Max Gain
000 : -18dB
001 : -12dB
010 : -6dB
011 : 0dB
100 : 6dB
101 : 12dB
110 : 18dB
111 : 24dB
3:0
ALCL[3:0]
1011
ALC Target Level (dB FS)
0000 : -28.5
0001 : -27
…1.5dB steps…
1111 : -6
Register 11h ALC1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
ALC2
6:4
MINGAIN[2:0]
000
Min gain setting
000 : -23.25dB
001 : -17.25dB
010 : -11.25dB
011 : -5.25dB
100 : +0.75dB
101 : +6.75dB
110 : +12.75dB
111 : +18.75dB
3:0
HLD[3:0]
0000
ALC Hold time
0000 : 0ms
0001 : 2.67ms
0010 : 5.33ms
Doubling with each step up to…
1111 : 43.691s
Register 12h ALC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com