Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
78
CHARGE PUMP CLOCK
The Charge pump is driven from the SYSCLK plus a 4 kHz clock also generated from the SYSCLK,
and requires a minimum SYSCLK of 2.8224 MHz. The charge pump internal clock is derived from
SYSCLK, using a clock divider to generate a nominal 1MHz clock, as shown in Figure 43. The clock
divider ratio depends on the SAMPLE_RATE[2:0] and CLK_SYS_RATE[3:0] register settings.
For example, with MCLKDIV=0, SAMPLE_RATE[2:0]=000:
256fs: CLK_SYS_RATE[3:0]=0011 gives a charge pump clock division ratio of 12, hence
•
MCLK=12.288MHz gives a charge pump frequency of 1.024MHz at full output power.
•
MCLK=11.2896MHz gives a charge pump frequency of 940.8kHz at full output power.
128fs: CLK_SYS_RATE[3:0]=0001 gives a charge pump clock division ratio of 6, hence
•
MCLK=6.144MHz gives a charge pump frequency of 1.024MHz at full output power.
•
MCLK=5.6448MHz gives a charge pump frequency of 940.8kHz at full output power
TIMEOUT CLOCK
The timeout clock triggers a volume update if a zero-cross has not been detected within the
configured time-frame. The timeout is enabled by TOEN and the timeout period is controlled by the
CLK_TO_DIV register as shown in Table 61
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30 (1Eh) Clocking 3
8:7
CLK_TO_DIV[1:0]
00
Timeout/slow clock divider setting
00 : 125Hz ( timeout = 8ms)
01 : 250Hz ( timeout = 4ms)
10 : 500Hz ( timeout = 2ms)
11 : 1kHz ( timeout = 1ms)
R23 (17h) Additional
control(1)
0
TOEN
0
Slow clock enable for volume update timeout
Table 61 Volume Update Timeout Control
VMID GENERATOR
An internal VMID generator generates AVDD/2 as a reference voltage to be used as the virtual ground
for most internal analogue signal processing circuits. The internal VMID is output on the VMID pin.
This pin requires a 4.7uF filtering capacitor.
VMIDSEL is the enable for the VMID reference, which defaults to disabled. VMIDSEL allows the
charging and discharging of the external VMID capacitor to be controlled. It is recommended that the
user use the fast start-up mode (VMIDSEL=11) when VMID is initially enabled. Then the user should
switch to a lower power operating mode (VMIDSEL=01) for normal operation.
•
Fast Start Up: use10kΩ divider
•
Normal Mode: use 100kΩ divider
•
Standby: use 500kΩ divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com