Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
47
Note that the register write to CP_DYN_PWR[1:0] must take place before the charge pump is
enabled. See the “Charge Pump” section.
SPEAKER OUTPUTS
The SPK_LP/SPK_LN and SPK_RP/SPK_RN output pins are class D speaker drivers. Each pair is
independently controlled and can drive an 8
Ω BTL speaker. Output PGA volume is relative to AVDD,
while an additional boost stage (set by CLASSD_ACGAIN[2:0] ) is available to accommodate higher
SPKVDD1/SPKVDD2 supply voltages. This allows AVDD to be run at a lower voltage to save power,
while maximum output power can be delivered to the load, utilising the full range of SPKVDD1 and
SPKVDD2 supplies.
The output gain stage automatically centers the analogue output about
SPKVDD/2. This will avoid the analogue output clipping – except in the case of
CLASSD_ACGAIN=12dB. The speaker output stage is illustrated in Figure 20
Figure 20 Speaker Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com