Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
26
The internal MICBIAS circuitry is shown in Figure 14.
The maximum source current capability for MICBIAS is 2mA. The external biasing resistors therefore
must be large enough to limit the MICBIAS current to 2mA.
Figure 14 Microphone Bias Schematic
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8961 uses stereo 24-bit, 128x over-sampled sigma-delta ADCs. The use of multi-bit feedback
and high over-sampling rates reduce the effects of jitter and high frequency noise. The ADC Full Scale
input level is proportional to AVDD. With a 1.8V supply voltage, the full scale level is 0.5Vrms. Any
voltage greater than full scale may overload the ADC and cause distortion.
The ADCs are enabled by the ADCL/R register bit. Note that when disabling the ADC, the digital
volume control LADCVOL/RADCVOL[7:0] (R21 (15h)) should be muted (set to 00h), before clearing
ADCL or ADCR to 0. This ensures that the last ADC code does not appear at the Audio Interface
(ADCDAT) pin when ADCL/R are cleared.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Power
management (1)
3
ADCL
0
Enable ADC left channel:
0 = ADC disabled
1 = ADC enabled
2
ADCR
0
Enable ADC right channel:
0 = ADC disabled
1 = ADC enabled
Table 9 ADC Enable Control
ADCDIV determines the ADC operating clock. The output of ADCDIV should be configured to output a
clock of 256fs. The 256fs output of ADCDIV is further divided such that the ADC operates at 128fs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com