Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 98 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 98 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
98
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R71 (47h)
Analogue
HP 2
8:6
HPL_VOL[2:0]
111
Secondary HPL PGA Volume
111
0dB (default)
110
-1dB
101
-2dB
100
-3dB
011
-4dB
010
-5dB
001
-6dB
000
-7dB
5:3
HPR_VOL[2:0]
111
Secondary HPR PGA Volume
111
0dB (default)
110
-1dB
101
-2dB
100
-3dB
011
-4dB
010
-5dB
001
-6dB
000
-7dB
2:0
HP_BIAS_BO
OST[2:0]
011
Boost bias into headphone driver
000:
x2
001:
Reserved
010:
Reserved
011:
x1
100-111: Reserved
Register 47h Analogue HP 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R82 (52h)
Charge
Pump B
1:0
CP_DYN_PWR[1:0]
0
Enable dynamic (Class W) power saving
00: dynamic power saving disabled
01: Reserved
10: Reserved
11: dynamic power saving enabled
Register 52h Charge Pump B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R87 (57h)
Write
Sequencer 1
5
WSEQ_ENA
0
Write Sequencer Enable.
0: off
1: on
4:0
WSEQ_WRITE_INDEX[4:0]
0_0000
Sets the current Index in the Write Sequencer Memory. Writes
to the following write sequencer registers will affect this
memory location.
Register 57h Write Sequencer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com