Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
74
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Clocking1
8:6
ADCDIV[2:0]
000
Defines the ADC 256fs clock, which is further divided by 2.
000 : 256fs = SYSCLK / 1.0 (default =12.288MHz, fs= 48 KHz)
001 : Reserved
010 : 256fs = SYSCLK / 2
011 : 256fs = SYSCLK / 3
100 : 256fs = SYSCLK / 4
101 : 256fs = SYSCLK / 5.5
110 : 256fs = SYSCLK / 6
111 : Reserved
5:3
DACDIV[2:0]
100
Defines the DAC clock.
000 : DAC clock = SYSCLK / 1
001 : Reserved
010 : DAC clock = SYSCLK / 2
011 : DAC clock = SYSCLK / 3
100 : DAC clock = SYSCLK / 4 (default =3.072 MHz when
SYSCLK=12.288MHz)
101 : DAC clock = SYSCLK / 5.5
110 : DAC clock = SYSCLK / 6
111 : Reserved
R8 (08h)
Clocking2
3:0
BCLKDIV[3:0]
0100
BCLK Frequency (Master Mode)
0000 = SYSCLK
0001 = Reserved
0010 = SYSCLK / 2
0011 = SYSCLK / 3
0100 = SYSCLK / 4 (default)
0101 = Reserved
0110 = SYSCLK / 6
0111 = SYSCLK / 8
1000 = Reserved
1001 = SYSCLK / 12
1010 = SYSCLK / 16
1011 = SYSCLK / 24
1100 = Reserved
1101 to 1111 = SYSCLK / 32
R14 (0Eh)
Audio Interface
2
8:0
LRCLK_RATE[8:0]
0_0100_0000 Integer divide of BCLK. 50:50 LRCLK duty cycle is only
guaranteed with even values (4, 6, … … , 510).
0_0000_0000 to 0_0000_0011 : reserved
0_0000_0100 : 4
…
0_0100_0000 : 64
…
1_1111_1110 : 510
1_1111_1111: Reserved
Table 54 ADC, DAC and Master Mode BCLK and LRC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com